Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD150KN16 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD150KN16
Description  DIODE 150A Avg 1600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD150KN16 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD150KN16 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD150KN16 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIODE
150A Avg 1600 Volts
PD150KN16
■回路図
CIRCUIT
■外形寸法図 OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
耐圧クラス
Grade
項 目
Parameter
記号
Symbol
PD150KN16
単位
Unit
くり返しピーク逆電圧
*1
RepetitivePeakReverseVoltage
VRRM
1600
V
非くり返しピーク逆電圧
*1
NonRepetitivePeakReverseVoltage
VRSM
1700
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.RatedValue
単位
Unit
平均整流電流
*1
AverageRectified
OutputCurrent
Io(AV)
商用周波数
180°通電
Tc=97℃
HalfSineWave
150
A
実効順電流
*1
RMSForwardCurrent
IF(RMS)
235
A
サージ順電流
*1
SurgeForwardCurrent
IFSM
50Hz 正弦半波,1 サイクル,非くり返し
HalfSineWave,1Pulse,Non-Repetitive
3200
A
電流二乗時間積
*1
ISquaredt
I2t
2∼10ms
51200
A2
動作接合温度範囲
OperatingJunction
TemperatureRange
Tjw
-40 ∼ +150
保存温度範囲
StorageTemperatureRange
Tstg
-40 ∼ +125
絶縁耐圧
IsolationVoltage
Viso
端子−ベース間,
AC1 分間
TerminaltoBase,AC1min.
2500
V
ベース部
Mounting
サーマルコンパウンド塗布
Greased
M6
2.5 ∼ 3.5
N・m
締付トルク
Mounting
Torque
主端子部
Terminal
M6
2.5 ∼ 3.5
N・m
■電気的特性 Electrical Characteristics
項 目
Parameter
記号
Symbol
条 件
Conditions
特性値(最大)
MaximumValue
単位
Unit
ピーク逆電流
*1
PeakReverseCurrent
IRM
Tj=150℃,VRM=VRRM
15
mA
ピーク順電圧
*1
PeakForwardVoltage
VFM
Tj=25℃,IFM=450A
1.51
V
熱抵抗
*1
ThermalResistance
Rth(j-c)
接合部−ケース間(
Tc 測定点チップ直下)
JunctiontoCase
0.21
/W
接触熱抵抗
*1
ThermalResistance
Rth(c-f)
ケース
-フィン間,サーマルコンパウンド塗布
CasetoFin,Greased
0.2
/W
質 量 −−− 約
150g
*1:1アーム当りの値 ValuePer1Arm.
ApproximateWeight


Similar Part No. - PD150KN16

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PD150KN16 KSS-PD150KN16 Datasheet
231Kb / 2P
   Diode
logo
National Instruments Co...
PD150KN16 NI-PD150KN16_15 Datasheet
160Kb / 2P
   DIODE
More results

Similar Description - PD150KN16

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD150S16 NIEC-PD150S16 Datasheet
127Kb / 2P
   150A Avg 1600 Volts
PD15116 NIEC-PD15116_1 Datasheet
26Kb / 1P
   150A Avg 1600 Volts
PDT15116 NIEC-PDT15116_1 Datasheet
412Kb / 3P
   150A Avg 1600 Volts
PT150S12 NIEC-PT150S12_1 Datasheet
283Kb / 2P
   150A Avg 1200 1600 Volts
PC15012 NIEC-PC15012_1 Datasheet
169Kb / 2P
   150A Avg 1200 1600 Volts
PDT15012 NIEC-PDT15012 Datasheet
248Kb / 4P
   150A Avg 1200~1600 Volts
PH40016 NIEC-PH40016 Datasheet
266Kb / 2P
   DIODE 400A Avg 1600 Volts
PC40016 NIEC-PC40016 Datasheet
269Kb / 2P
   DIODE 400A Avg 1600 Volts
PD100KN16 NIEC-PD100KN16 Datasheet
152Kb / 2P
   DIODE 100A Avg 1600 Volts
PH400N16 NIEC-PH400N16 Datasheet
287Kb / 2P
   DIODE 400A Avg 1600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com