Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBMB50E6 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PBMB50E6
Description  IGBT Module-H Bridge 50A, 600V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PBMB50E6 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PBMB50E6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PBMB50E6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PBMB50E6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PBMB50E6 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QS043-402-(4/5)
00
日本インター株式会社
PBMB50E6
020
40
60
80
0
0.2
0.4
0.6
0.8
1
Collector Current IC (A)
Fig.7- Collector Current vs. Switching Time (Typical)
tOFF
tf
tr(V
CE)
tON
VCC=300V
RG=20
VGE=±15V
TC=25°C
Resistive Load
10
30
100
300
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.8- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=50A
VGE=±15V
TC=25°C
Resistive Load
tf
tr(V
CE)
ton
toff
10
30
100
300
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.10- Series Gate Impedance vs. Switching Time
VCC=300V
IC=50A
VGE=±15V
TC=125°C
Inductive Load
tf
tr(I
C)
ton
toff
0
1020
3040
5060
7080
0
1
2
3
4
Collector Current IC (A)
Fig.11- Collector Current vs. Switching Loss
EOFF
EON
VCC=300V
RG=20
VGE=±15V
TC=125°C
Inductive Load
ERR
10
30
100
300
0.3
1
3
10
30
100
Series Gate Impedance RG ( )
Fig.12- Series Gate Impedance vs. Switching Loss
EOFF
EON
VCC=300V
IC=50A
VGE=±15V
TC=125°C
Inductive Load
ERR
020
40
60
80
0.001
0.01
0.1
1
10
Collector Current IC (A)
Fig.9- Collector Current vs. Switching Time
tOFF
tf
tr(Ic)
tON
VCC=300V
RG=20
VGE=±15V
TC=125°C
Inductive Load


Similar Part No. - PBMB50E6

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PBMB50E6 NI-PBMB50E6_15 Datasheet
265Kb / 4P
   竊뺧폁 竊∽펽竊뽳폁竊먲섬
More results

Similar Description - PBMB50E6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB50B12C NIEC-PBMB50B12C Datasheet
119Kb / 3P
   IGBT MODULE H-Bridge 50A 1200V
PBMB50B12 NIEC-PBMB50B12 Datasheet
116Kb / 3P
   IGBT MODULE H-Bridge 50A 1200V
PBMB75E6 NIEC-PBMB75E6 Datasheet
261Kb / 4P
   IGBT Module-H Bridge 75A, 600V
PBMB150E6 NIEC-PBMB150E6 Datasheet
261Kb / 4P
   IGBT Module-H Bridge 150A, 600V
PBMB150A6 NIEC-PBMB150A6 Datasheet
112Kb / 3P
   IGBT MODULE H-Bridge 150A 600V
PBMB200A6 NIEC-PBMB200A6 Datasheet
111Kb / 3P
   IGBT MODULE H-Bridge 200A 600V
PBMB75A6 NIEC-PBMB75A6 Datasheet
114Kb / 3P
   IGBT MODULE H-Bridge 75A 600V
PBMB100A6 NIEC-PBMB100A6 Datasheet
112Kb / 3P
   IGBT MODULE H-Bridge 100A 600V
PBMB300A6 NIEC-PBMB300A6 Datasheet
113Kb / 3P
   IGBT MODULE H-Bridge 300A 600V
PBMB100E6 NIEC-PBMB100E6 Datasheet
265Kb / 4P
   IGBT Module-H Bridge 100A, 600V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com