Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-4015T Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-4015T
Description  6-ch RTD Module with Modbus
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-4015T Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-4015T Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
RoHS
COMPLIANT
2002/95/EC
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 22 AWG)
Power Consumption 2.2 W @ 24 VDC
Watchdog Timer
System (1.6 s)
Supported Protocols ASCII command
Analog Input
Channels
1 differential
Input Impedance
Voltage: 2 M
Current: 125
(Added by users)
lnput Type
mV and mA
lnput Range
±15 mV, ±50 mV, ±100 mV,
±500 mV, ±20 mA
Accuracy
Voltage mode: ±0.1% or
better
Current mode: ±0.2% or
better
CMR @ 50/60 Hz
150 dB
Span Drift
±25 ppm/° C
Zero Drift
±6 μV/° C
Analog Output
Channels
1
Accuracy
0.05% of FSR
Output Type
V
Output Range
0 ~ 10 V
Drift
±50 ppm/° C
Drive Current
30 mA
Isolation Voltage
3,000 VDC
Digital Output
Channels
4, open collector to
30 V, 30 mA max. load
Power Dissipation
300 mW
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 28 AWG)
Power Consumption
1.2 W @ 24 VDC
Watchdog Timer
System (1.6 s) &
Communication
Supported Protocols ASCII command and
Modbus/RTU
Wire Burnout Detector Yes
Analog Input
Channels
6 differential
Input Connections
2, 3, or 4-wire
Input Impedance
10 M
Input Type
Pt, Balco and Ni RTD
RTD Types and Temperature Ranges
Pt 100 RTD:
Pt -50° C
to
150° C
Pt 0° C
to
100° C
Pt 0° C
to
200° C
Pt 0° C
to
400° C
Pt -200° C
to
200° C
IEC RTD 100 ohms (a = 0.00385)
JIS RTD 100 ohms (a = 0.00392)
Pt 1000 RTD
Pt -40° C
to
160° C
Balco 500 RTD
-30° C
to
120° C
Ni 50 RTD
Ni -80° C
to
100° C
Ni 508 RTD
Ni 0° C
to
100° C
BA1
-200° C
to
600° C
Accuracy
±0.1% or better
CMR @ 50/60 Hz
120 dB
Span Drift
± 25 ppm/° C
Zero Drift
± 3 μV/° C
ADAM-4015
ADAM-4015T
ADAM-4016
ADAM-4015T
6-ch RTD Module with Modbus
6-ch Thermistor Module with Modbus
1-ch Analog Input/Output Module
ADAM-4015
ADAM-4016
Specifications
General
Connectors
2 x plug-in terminal blocks
(#14 ~ 28 AWG)
Power Consumption 1.2 W @ 24 VDC
Watchdog Timer
System (1.6 s) &
Communication
Supported Protocols ASCII command and
Modbus/RTU
Wire Burnout
Yes
Detector
Analog Input
Channels
6 differential
Input Connections
2, 3-wire
Input Impedance
10 M
Input Type
Thermistor
Thermistor Types and Temperature Ranges
Thermistor 3 k
0 ~ 100° C
Thermistor 10 k
0 ~ 100° C
Accuracy
±0.1% or better
CMR @ 50/60 Hz
120 dB
Span Drift
± 25 ppm/° C
Zero Drift
± 3 μV/° C
Common Specifications
General
Power Input
Unregulated 10 ~ 30 VDC
Analog Input
Resolution
16 bits
NMR @ 50/60 Hz
100 dB
Sampling Rate
10 sample/second (total)
Isolation Voltage
3,000 VDC
Environment
Humidity
5 ~ 95% RH
Operating
- 10 ~ 70° C
Temperature
(14 ~ 158° F)
Storage Temperature - 25 ~ 85°C
(-13 ~ 185° F)
Ordering Information
ADAM-4015
6-ch RTD Input Module
with Modbus
ADAM-4015T
6-ch Thermistor Input
Module with Modbus
ADAM-4016
1-ch Analog Input/
Output Module
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - ADAM-4015T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4015T ADVANTECH-ADAM-4015T Datasheet
243Kb / 1P
   6-ch RTD Module with Modbus
More results

Similar Description - ADAM-4015T

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4015 ADVANTECH-ADAM-4015_15 Datasheet
243Kb / 1P
   6-ch RTD Module with Modbus
ADAM-6015 ADVANTECH-ADAM-6015_14 Datasheet
350Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
ADAM-6018++ ADVANTECH-ADAM-6018+ Datasheet
566Kb / 1P
   7-ch Isolated RTD Input Modbus TCP Module
5-May-2022
ADAM-4115 ADVANTECH-ADAM-4115 Datasheet
594Kb / 1P
   Robust 6-Ch RTD Input Module
27-Feb-2020
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
   12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
   6-ch Relay Output Modbus TCP Module
27-Jun-2018
ADAM-6060 ADVANTECH-ADAM-6060_15 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Relay Modbus TCP Module
APAX-5013 ADVANTECH-APAX-5013 Datasheet
338Kb / 1P
   8-ch RTD Module
ADAM-6066 ADVANTECH-ADAM-6066_14 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Power Relay Modbus TCP Module
ADAM-4017++ ADVANTECH-ADAM-4017+ Datasheet
702Kb / 1P
   8-ch Analog Input Module with Modbus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com