Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5TC2G83BFR Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5TC2G83BFR
Description  2Gb DDR3L SDRAM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC2G83BFR Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5TC2G83BFR Datasheet HTML 7Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 8Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 9Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 10Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 11Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 12Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 13Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 14Page - Hynix Semiconductor H5TC2G83BFR Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Rev. 0.2 / Feb. 2010
11
AC & DC Operating Conditions
Recommended DC Operating Conditions
Recommended DC Operating Conditions - DDR3L (1.35V) operation
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.283
1.35
1.45
V
1,2,3,4
VDDQ
Supply Voltage for Output
1.283
1.35
1.45
V
1,2,3,4
Notes:
1. Maximum DC value may not be greater than 1.425V. The DC value is the linear average of VDD/VDDQ (t) over a
very long period of time (e.g., 1 sec).
2. If maximum limit is exceeded, input levels shall be governed by DDR3 specifications.
3. Under these supply voltages, the device operates to this DDR3L specification.
4. Once initialized for DDR3L operation, DDR3 operation may only be used if the device is in reset while VDD and
VDDQ are changed for DDR3 operation (see Figure 0).
Recommended DC Operating Conditions - DDR3 (1.5V) operation
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.425
1.5
1.575
V
1,2,3
VDDQ
Supply Voltage for Output
1.425
1.5
1.575
V
1,2,3
Notes:
1. If minimum limit is exceeded, input levels shall be governed by DDR3L specifications.
2. Under 1.5V operation, this DDR3L device operates to the DDR3 specifications under the same speed timings as
defined for this device.
3. Once initialized for DDR3 operation, DDR3L operation may only be used if the device is in reset while VDD and
VDDQ are changed for DDR3L operation (see Figure 0).


Similar Part No. - H5TC2G83BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G83AFR HYNIX-H5TC2G83AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
H5TC2G83CFR-G7A HYNIX-H5TC2G83CFR-G7A Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83CFR-H9A HYNIX-H5TC2G83CFR-H9A Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83CFR-PBA HYNIX-H5TC2G83CFR-PBA Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
   2Gb DDR3L SDRAM
More results

Similar Description - H5TC2G83BFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G43EFR HYNIX-H5TC2G43EFR Datasheet
442Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43AFR HYNIX-H5TC2G43AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
logo
Samsung semiconductor
K4B2G0446D SAMSUNG-K4B2G0446D Datasheet
1Mb / 64P
   2Gb D-die DDR3L SDRAM
logo
List of Unclassifed Man...
SLN02G72F1BQ1SA-CC[EW]RT ETC2-SLN02G72F1BQ1SA-CC[EW]RT Datasheet
721Kb / 17P
   2GB DDR3L ??SDRAM ECC SO-UDIMM
logo
Samsung semiconductor
K4B2G1646Q SAMSUNG-K4B2G1646Q Datasheet
1Mb / 71P
   2Gb Q-die DDR3L SDRAM Only x16
logo
Hynix Semiconductor
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com