Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPC25103F Datasheet(PDF) 2 Page - Dubilier

Part # RPC25103F
Description  SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

RPC25103F Datasheet(HTML) 2 Page - Dubilier

  RPC25103F Datasheet HTML 1Page - Dubilier RPC25103F Datasheet HTML 2Page - Dubilier RPC25103F Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
138
SURFACE MOUNT
SURFACE MOUNT CHIP RESISTOR RPC
POWER RATING
* Low value resistors available between 0.01Ω - 1Ω in ±1% & ±5% TCR = 200ppm/˚C to 600ppm/˚C
Resistance Range/PPM
Size
Code
Power
Rating
Max Working
Voltage
Max Overload
Voltage
F(±1%)
E-96
PPM/°C
J(±5%)
E-24
PPM/°C
0402
1/16w
50v
100v
1R - < 10R
200
1R - < 10R
200
0402
1/16w
50v
100v
10R-10M
100
10R-10M
100
0603
1/10w
50v
100v
1R - < 10R
200
1R - < 10R
10M-22M
200
0603
1/10w
50v
100v
10R-10M
100
10R-10M
100
0805
1/8w
150v
300v
1R - < 10R
200
1R - < 10R
10M-22M
200
0805
1/8w
150v
300v
10R-10M
100
10R-10M
100
1206
1/4w
200v
400v
1R - < 10R
200
1R - < 10R
10M-22M
200
1206
1/4w
200v
400v
10R-10M
100
10R-10M
100
1210
1/2w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2010
1/2w
200v
500v
10R-10M
100
10R-10M
100
2010
3/4w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2010
3/4w
200v
500v
10R-10M
100
10R-10M
100
2512
1w
200v
500v
1R - < 10R
200
1R - < 10R
10M-22M
200
2512
1w
200v
500v
10R-10M
100
10R-10M
100


Similar Part No. - RPC25103F

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC25103F DUBILIER-RPC25103F Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
More results

Similar Description - RPC25103F

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC25103J DUBILIER-RPC25103J_11 Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
   SURFACE MOUNT CHIP RESISTOR
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
   Chip Resistor Surface Mount
logo
Bourns Electronic Solut...
CRM2512-FT BOURNS-CRM2512-FT Datasheet
38Kb / 2P
   Surface Mount Chip Resistor
logo
YAGEO Corporation
RC0402FR-070RL YAGEO-RC0402FR-070RL Datasheet
309Kb / 9P
   Chip Resistor Surface Mount
logo
List of Unclassifed Man...
YC124-JR-07100RL ETC1-YC124-JR-07100RL Datasheet
343Kb / 9P
   Chip Resistor Surface Mount
logo
YAGEO Corporation
RC_P YAGEO-RC_P Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
   Surface Mount Resistor
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
   Surface Mount Resistor
DEC-01-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com