Electronic Components Datasheet Search |
|
SPC5706BEMLQR Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
SPC5706BEMLQR Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 92 page Freescale Semiconductor Data Sheet: Advance Information Document Number: MPC5607B Rev. 3, 01/2010 © Freescale Semiconductor, Inc., 2010. All rights reserved. Preliminary—Subject to Change Without Notice This document contains information on a product under development. Freescale reserves the right to change or discontinue this product without notice. MPC5607B 176LQFP (24 x 24) 144 LQFP (20 x 20 ) 100 LQFP (14 x 14 ) 208 MAPBGA (17 x 17 ) Features • Single issue, 32-bit CPU core complex (e200z0h) — Compliant with the Power Architecture™ embedded category — Enhanced instruction set allowing variable length encoding (VLE) for code size footprint reduction. With the optional encoding of mixed 16-bit and 32-bit instructions, it is possible to achieve significant code size footprint reduction. • Up to 1.5 Mbytes on-chip Flash supported with the Flash controller • Up to 96 Kbytes on-chip SRAM • Memory protection unit (MPU) with 8 region descriptors and 32-byte region granularity on certain family members • Interrupt controller (INTC) capable of handling 204 selectable-priority interrupt sources • Frequency modulated phase-locked loop (FMPLL) • Crossbar switch architecture for concurrent access to peripherals, Flash, or RAM from multiple bus masters • 16-channel eDMA controller with multiple transfer request sources using DMA multiplexer • Boot assist module (BAM) supports internal Flash programming via a serial link (CAN or SCI) • Timer supports I/O channels providing a range of 16-bit input capture, output compare, and pulse width modulation functions (eMIOS) • 2 analog-to-digital converters (ADC): one 10-bit and one 12-bit • Cross Trigger Unit to enable synchronization of ADC conversions with a timer event from the eMIOS or PIT • Up to 6 serial peripheral interface (DSPI) modules • Up to 10 serial communication interface (LINFlex) modules • Up to 6 enhanced full CAN (FlexCAN) modules with configurable buffers • 1 inter-integrated circuit (I 2C) interface module • Up to 149 configurable general purpose pins supporting input and output operations (package dependent) • Real-Time Counter (RTC) — Clock source from internal 128 kHz or 16 MHz oscillator supporting autonomous wakeup with 1 ms resolution with maximum timeout of 2 seconds — Optional support for RTC with clock source from external 32 kHz crystal oscillator, supporting wakeup with 1 sec resolution and maximum timeout of 1 hour • Up to 8 periodic interrupt timers (PIT) with 32-bit counter resolution • Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class Two Plus • Device/board boundary scan testing supported per Joint Test Action Group (JTAG) of IEEE (IEEE 1149.1) • On-chip voltage regulator (VREG) for regulation of input supply for all internal levels MPC5607B Microcontroller Data Sheet |
Similar Part No. - SPC5706BEMLQR |
|
Similar Description - SPC5706BEMLQR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |