Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MVL-544UYL Datasheet(PDF) 1 Page - Unity Opto Technology

Part No. MVL-544UYL
Description  T-1 3/4 ( f5mm) HIGH POWER AlInGaP LED LAMPs
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UOT [Unity Opto Technology]
Homepage  http://www.unityopto.com.tw
Logo 

MVL-544UYL Datasheet(HTML) 1 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 3/4 (
φφ5mm)
HIGH POWER AlInGaP LED LAMPs
MVL-544UYL
Description
The MVL-544UYL utilizes the latest absorbing
substrate Aluminum Indium Gallium Phosphide
(AlInGaP) LED technology. This LED material
has outstanding light output efficiency over a
wide range of drive current. The package is T-1
3/4 (5mm) water clear standard type.
Features
l
Ultra - brightness
l
Low power consumption
l
TTL compatible
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Maximum Rating
Unit
Power Dissipation
125
mW
Peak Forward Current(1/10 Duty Cycle 100
µs pulse width)
100
mA
Continuous Forward Current
50
mA
Reverse Voltage
5
V
Operating Temperature Range
Storage Temperature Range
Lead Soldering Temperature 1.6 mm from body for 5 seconds at 260
oC
09/05/2000
-40
oC to +100oC
-40
oC to +100oC
Package Dimensions
Unity Opto Technology Co., Ltd.
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
Unit: mm ( inches )
5.00
(.200)
8.60
(.393)
φ5.00
(.200)
2.54
(.100)
0.50 TYP.
(.020)
25.40MIN.
(1.000)
1.00MIN.
(.040)
A
C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn