Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MVL-544UG Datasheet(PDF) 1 Page - Unity Opto Technology

Part No. MVL-544UG
Description  T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UOT [Unity Opto Technology]
Homepage  http://www.unityopto.com.tw
Logo 

MVL-544UG Datasheet(HTML) 1 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T-1 3/4 (
φ 5mm)
HIGH POWER AlInGaP LED LAMPs
MVL-544UG
Description
Package Dimensions
The MVL-544UG , a green source color device , is made with
tran AllnGaP light emitting diode.
THE package is T-1 3/4 (
φ5mm) standard green transparent plastic
lens type.
Features
l
Standard T-1 3/4 (
φ5mm) package
l
Low power consumption
l
High efficiency
l
Reliable
Absolute Maximum Ratings
@ TA=25
oC
Parameter
Symbol
Maximum Rating
Unit
Power Dissipation
Pad
100
mW
Peak Forward Current(1/10 Duty Cycle100
µs pulse )
Ipf
200
mA
Continuous Forward Current
Iaf
50
mA
Reverse Voltage
VR
5
V
Operating Temperature Range
Topr
Storage Temperature Range
Tstg
Lead Soldering Temperature 1.6 mm from body for 5 seconds at 260
oC
09/05/2000
-40
oC to +100oC
-40
oC to +100oC
Notes :
1. Tolerance is ± 0.25 mm (.010") unless otherwise noted.
2. Protruded resin under flange is 1.5 mm (.059") max.
3. Lead spacing is measured where the leads emerge from the package.
Unity Opto Technology Co., Ltd.
Unit: mm ( inches )
5.00
(.200)
8.60
(.393)
φ5.00
(.200)
2.54
(.100)
0.50 TYP.
(.020)
25.40MIN.
(1.000)
1.00MIN.
(.040)
A
C


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn