Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSU0805C104JN Datasheet(PDF) 5 Page - Dubilier

Part # DSU0805C104JN
Description  SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSU0805C104JN Datasheet(HTML) 5 Page - Dubilier

  DSU0805C104JN Datasheet HTML 1Page - Dubilier DSU0805C104JN Datasheet HTML 2Page - Dubilier DSU0805C104JN Datasheet HTML 3Page - Dubilier DSU0805C104JN Datasheet HTML 4Page - Dubilier DSU0805C104JN Datasheet HTML 5Page - Dubilier DSU0805C104JN Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
17
SURFACE MOUNT
CERAMIC SURFACE MOUNT MULTI - LAYER DS
PERFORMANCE CHARACTERISTICS
PERFROMANCE CHARACTERISTICS
1. ELECTRICAL
Dielectric Code
COG
X7R
X5R
Y5V
Z5U
General
COG dielectrics are very
stable. Temperature, fre-
quency and time vary little.
X7R dielectrics offer higher
capacitance for a given
case size than COG.
X5R dielectrics offer higher
capacitance for a given
case size than X7R.
Y5V dielectrics offer the
highest capacitance for
a given case size than X5R.
Z5U dielectrics offer the
highest cpacitance for a
given case size than Y5V.
Examples of Applications
Typical applications are
in tuned circuits, timing
circuits and fast rise time
circuits.
Applications would include
bypass, coupling and filter-
ing circuits.
Applictaions would include
bypass, coupling and filter-
ing circuits.
Applications would include
bypass and decoupling
circuits or where tempera-
ture dependence is not of
major importance.
Applications would include
bypass and decoupling
circuits or where tempera-
ture dependance is not of
major importance.
Temperature Range
- 55° to + 125°
-55° to + 125°
- 55° to + 85°
- 25° to + 85°
- 25° to + 85°
Insulation Resistance (I.R.)
after 1 min charging at
Rated Voltage
> 100G ohms or 1000 sec
whichever is less
>100G ohms or 1000 sec
whichever is less
>100G ohms or 1000sec
whichever is less.
>10G ohms or 100 sec
whichever is less.
>10G ohms or 100 sec
whichever is less.
Voltage Ratings dc
50, 100, 200, 500
10, 16, 25, 50, 100, 200,
500
10,16,25,50
10, 16, 25, 50, 100
25, 50
Proof Voltage
2.5 x rated voltage
2.5 x rated voltage
2.5 X rated voltage.
2 x rated voltage
2.5 x rated voltage
Max allowable Capaci-
tance
Variation over Temperature
Range
C > 20pf : 0 ± 00ppm/°C
C < 20pF : see CECC 32
101-801
± 15%
± 15%
+30% to - 80%
+22% to - 56%
. ENVIRONMENT
Test
Conditions
Requirement
Resistance to soldering
heat
Components completely
immersed in a solder bath
at 260 ± 10° for 5 secs.
25% Max leaching on each
edge
Adhesion
Component mounted to
substrate a force of 5N
applied normal to the line
joining the termination
and in a line parallel to the
substrate.
No visible damage
Rapid change or Tem-
perature
- 55 to 125°C, 5 cycles
(1B, 2C1)
- 25 to +85°, 5 cycles
(2F4)
No visible damage. After
recovery
∆ C/C
≤±1%
or pF
COG
∆ C/C
≤±10% X7R
∆ C/C
≤±10% X5R
∆ C/C
≤±20% Y5V
Tan
≤1.5 x speci-
fied value
IR.
≤0.25 x speci-
fied value


Similar Part No. - DSU0805C104JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSU0805R104KN DUBILIER-DSU0805R104KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU0805R104ZN DUBILIER-DSU0805R104ZN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU0805R105KN DUBILIER-DSU0805R105KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU0805R105ZN DUBILIER-DSU0805R105ZN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DSU0805R106KN DUBILIER-DSU0805R106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
More results

Similar Description - DSU0805C104JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0402 VISHAY-ILC-0402_V01 Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402_17 Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com