Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRE21W102KA Datasheet(PDF) 1 Page - Dubilier

Part # DRE21W102KA
Description  CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DRE21W102KA Datasheet(HTML) 1 Page - Dubilier

  DRE21W102KA Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758

SIZE CODE & DIMENSIONS
CAPACITORS
CERAMIC MULTI-LAYER RADIAL DR
ORDERING INFORMATION
PACKING QUANTITY
SIZE CODE & CAPACITANCE (pF) AVAIL.
TAPING, REEL & BOX DIMENSIONS (mm)
OUTLINE DRAWING
NPO, X7R & Z5U dielectric
10pF - 1µF
50/63V, 100V & 200V
Enhanced environmental protection coating
50V, 100V rated voltage
Variety of lead configuration
The DR multi-layer ceramic offers small size in a wide range of formats, including
2.54mm & 5mm pitch, loose & taped packaging.
Small value close-tolerance parts are suitable for radio and instrumentation circuits.
The range also extends to high-capacity decoupling values.
Temperature
-55 to 125°C (-25 to +85°C for Y5V)
Temperature Coefficient NPO: Zero ± 30ppm/°C
X7R: ± 15% max Z5U: +22%, -56%
Size Code
WVDC
COG
X7R
Z5U
DR 15
63V
10-560
270-18000
10000-47000
100V
10-390
270-10000
680-10000
DR 20/21
63V
-
1000 - 100000
10000-470000
100V
10-4700
1000 - 100000
-
DR 30
63V
-
100000-330000 470000-1000000
100V 4700-10000
-
-
DR30X
63V
-
470000-1000000
-
Size Code
Width
Height
Thickness
Lead Spacing
W Max
H Max
T Max
F
DR 15
3.81
3.81
3.18
2.54 ± 1.0
DR 20
5.08
5.08
3.18
2.54 ± 1.0
DR 21
5.08
5.08
3.18
5.08 ± 1.0
DR 30
7.62
7.62
3.81
5.08 ± 1.0
DR
U
1
C
10
J
B
Range
Voltage
U = 50
A = 100
F = 200
E = 25
C = 16
Size code
Dielectric
C = COG
R = X7R
W = Z5U
Value
102 = 1000PF
Tol
C = 0.25PF
D = 0.50PF
J = 5.0%
K = 10%
M= 20%
Z = 20% + 80%
Pitch
A = 2.54
B = 5.08
TA
Taping
TA = Tape
Ammo
TR = Tape
Reel
Blank =
Loose
W
L
H
31.7
W
L
H
31.7
H
W
DR15
DR20
DR21
L 31.7
F
W
H
H
W
L
T
L 31.7
(0.5)
F
Special lead length available
Unit of dimension mm
DR30
16.5 min
356
46
5 nom
330
45
229
12.7±0.2
4±0.2
18±0.5
12.7 nom
19±0.5
16.5 min
356
46
5 nom
330
45
229
12.7±0.2
4±0.2
18±0.5
12.7 nom
19±0.5
16.5 min
356
46
5 nom
330
45
229
12.7±0.2
4±0.2
18±0.5
12.7 nom
19±0.5
Style
Lead
Taped Components
Spacing
Qty per Heel
Qty per Box
DR 15
2.54
3000
3000
DR 20
2.54
3000
3000
DR 21
5.08
3000
3000
DR 30
5.08
2500/2000
2500
Other lead variations
available upon request


Similar Part No. - DRE21W102KA

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRE240 CHINFA-DRE240 Datasheet
551Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE240-12X CHINFA-DRE240-12X Datasheet
551Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
DRE240-24X CHINFA-DRE240-24X Datasheet
551Kb / 4P
   AC - DC DIN RAIL MOUNTABLE POWER SUPPLY INDUSTRIAL CONTROL EQUIPMENT
More results

Similar Description - DRE21W102KA

ManufacturerPart #DatasheetDescription
logo
Dubilier
DR DUBILIER-DR Datasheet
214Kb / 1P
   CERAMIC MULTI-LAYER RADIAL
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
   Multi-layer ceramic chip capacitors
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com