Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSE1812C103JN Datasheet(PDF) 4 Page - Dubilier

Part # DSE1812C103JN
Description  SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSE1812C103JN Datasheet(HTML) 4 Page - Dubilier

  DSE1812C103JN Datasheet HTML 1Page - Dubilier DSE1812C103JN Datasheet HTML 2Page - Dubilier DSE1812C103JN Datasheet HTML 3Page - Dubilier DSE1812C103JN Datasheet HTML 4Page - Dubilier DSE1812C103JN Datasheet HTML 5Page - Dubilier DSE1812C103JN Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
1
SURFACE MOUNT
CERAMIC SURFACE MOUNT MULTI - LAYER DS
REEL DIMENSIONS (mm)
TAPE DIMENSIONS (mm)
RANGE
D0
A0
B0
E
F
G
W
P
P2
P0
directional of unreeling
Type C
Type P
t
t
K1
W
Type
D0
P
P0
P
E
F
G
t
8.0 ± 0.3
C
1.5 +0.1, -0
4.0 ± 0.1
4.0 ± 0.1
2.0 ± -0.05
1.75 ± 0.1
3.5 ± 0.05
0.75 min
1.1 max
8.0 ± 0.3
P
1.5 +0.1, -0
4.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
1.75 ± 0.1
3.5 ± 0.05
0.75 min
0.3 max
12.0 ± 0.3
P
1.5 +0.1, -0
8.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
1.75 ± 0.1
5.5 ± 0.05
0.75 min
0.1 max
C = Card P = Plastic
2 ± 0.5
+0.15
-0
12.75
+0.5
-0
20.5
W1
62
±
1.5
A
Nom. Tape Width
A
W1
8
180 or 330 +0-2
8.4 +1.5-0
12
180 or 330 +0-2
12.4 +2-0
General Purpose Ceramic Chip Capacitors Y5V/Z5U Nickel Barrier Terminations
Dialectric
Y5V/Z5U
Case Size
00
00
005
10
110
11
Rated Voltage (VDC)
10
1
5
50
10
1
5
50
1
5
50
100
5
50
100
50
100
50
100
0.010uf (103)
x
x
x
x
x
x
x
x
x
0.015uf (153)
x
x
x
x
x
x
x
x
x
0.022uf (223)
x
x
x
x
x
x
x
x
x
0.033uf (333)
x
x
x
x
x
x
x
x
x
0.047uf (473)
x
x
x
x
x
x
x
x
x
x
0.068uf (683)
x
x
x
x
x
x
x
x
x
x
0.10uf (104)
x
x
x
x
x
x
x
x
x
x
x
x
0.15uf (154)
x
x
x
x
x
x
x
x
x
x
x
0.22uf (224)
x
x
x
x
x
x
x
x
x
x
0.33uf (334)
x
x
x
x
x
x
x
x
0.47uf (474)
x
x
x
x
x
x
x
x
x
0.68uf (684)
x
x
x
x
x
x
x
x
x
x
1.0uf (105)
x
x
x
x
x
x
x
x
x
x
Dialectric
X5R
Case Size
00
Rated Voltage (VDC)
10
1
0.033uf (333)
x
0.047uf (473)
x
0.1uf (104(
x
x
For other case sizes and higher 0402 capacitance see DS - High
Capacitance.


Similar Part No. - DSE1812C103JN

ManufacturerPart #DatasheetDescription
logo
Deep Sea Electronics
DSE160 DSE-DSE160 Datasheet
553Kb / 2P
   SELF SEEKING POWER SUPPLY
More results

Similar Description - DSE1812C103JN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSB0805X106KN DUBILIER-DSB0805X106KN Datasheet
177Kb / 3P
   SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0402 VISHAY-ILC-0402_V01 Datasheet
63Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402_17 Datasheet
79Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 18-Sep-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com