Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HJ50-110V-P Datasheet(PDF) 1 Page - Dubilier

Part # HJ50-110V-P
Description  SOUNDERS MECHANICAL BUZZERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

HJ50-110V-P Datasheet(HTML) 1 Page - Dubilier

  HJ50-110V-P Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
362
ORDERING INFORMATION
SOUNDERS
MECHANICAL BUZZERS
Industry compatible
Competitively priced
Sound output to 95dB
Ordering Code
Rated
Operation
Rated
Sound Output
Resonate
Tone
Operating
Weight
Size
Voltage (V)
Voltage (V)
Current (mA)
at 10cm (dB)
Frequency (Hz)
Temp (˚C)
HJ50-110V/P
110
70.0-150.0
≤30
≥75
-
-
-25~+110
20
30x23xH8.5
FCE28-2S3120
12
9.0-15.0
≤40
≥95
2700-3200
Single
-20~+70
10
ø28xH20
FCE28-2P3120
12
8.0-15.0
≤15
≥85
2700-3200
Pulse
-20~+70
10
ø28xH20
CMB-06
6
3.0-8.0
≤23
≥82
300-500
-
-40~+85
10
22.5x16.0xH14.5
BMB-12
12
8.0-16.0
≤35
≥95
300-500
-
-40~+70
17
26.0x26.0xH19.7
NMB-06
6
4.0-8.0
≤35
≥95
300-500
-
-40~+70
17
26.0x26.0xH19.6
SOUNDERS
DYNAMIC TRANSDUCERS
ORDERING INFORMATION
Industry compatible
Competitively priced
Sound output to 95dB
Ordering Code
Rated
Rate (Max)
Sound Output at
Resonate
Rated Frequency
Operating
Weight
Size
Imp (Ω)
Power (W) 10cm (dB) 1.5KHz Frequency (kHz)
Range (Hz)
Temp (˚C)
XD41
8±15%
0.15(0.2)
1000±20%
700-5000
≥81
-20~+60
10
ø30xH12.6
XD3108
8±20%
0.15(0.2)
1100±150
700-4000
≥83
-20~+60
11
ø31.7xH15


Similar Part No. - HJ50-110V-P

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HJ50 HSMC-HJ50 Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - HJ50-110V-P

ManufacturerPart #DatasheetDescription
logo
Dubilier
XD41 DUBILIER-XD41 Datasheet
60Kb / 1P
   SOUNDERS MECHANICAL BUZZERS
logo
Murata Manufacturing Co...
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1_17 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2002 MURATA-PKM22EPH2002_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2002-B0 MURATA-PKM22EPPH2002-B0_17 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E2400-R1 MURATA-PKLCS1212E2400-R1 Datasheet
213Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4002-B0 MURATA-PKM22EPPH4002-B0_17 Datasheet
218Kb / 3P
   Piezoelectric Sounders / Buzzers
PKLCS1212E4001-R1 MURATA-PKLCS1212E4001-R1 Datasheet
211Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPH2003 MURATA-PKM22EPH2003_17 Datasheet
220Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH2001-B0 MURATA-PKM22EPPH2001-B0 Datasheet
217Kb / 3P
   Piezoelectric Sounders / Buzzers
PKM22EPPH4007-B0 MURATA-PKM22EPPH4007-B0_17 Datasheet
221Kb / 3P
   Piezoelectric Sounders / Buzzers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com