Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UJA1065 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UJA1065
Description  High-speed CAN/LIN fail-safe system basis chip
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1065 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UJA1065 Datasheet HTML 17Page - NXP Semiconductors UJA1065 Datasheet HTML 18Page - NXP Semiconductors UJA1065 Datasheet HTML 19Page - NXP Semiconductors UJA1065 Datasheet HTML 20Page - NXP Semiconductors UJA1065 Datasheet HTML 21Page - NXP Semiconductors UJA1065 Datasheet HTML 22Page - NXP Semiconductors UJA1065 Datasheet HTML 23Page - NXP Semiconductors UJA1065 Datasheet HTML 24Page - NXP Semiconductors UJA1065 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
UJA1065_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 25 February 2010
21 of 76
NXP Semiconductors
UJA1065
High-speed CAN/LIN fail-safe system basis chip
When leaving Active mode the CAN transmitter is disabled and the CAN receiver is
monitoring the CAN-bus for a valid wake-up. The CAN termination is then working
autonomously.
6.7.1.2
On-line mode
In On-line mode the CAN-bus pins and pin SPLIT (if enabled) are biased to the normal
levels. The CAN transmitter is deactivated and RXDC reflects the CAN wake-up status. A
CAN wake-up event is signalled to the microcontroller by clearing RXDC.
If the bus stays continuously dominant or recessive for the Off-line time (toff-line), the
Off-line state will be entered.
6.7.1.3
On-line Listen mode
On-line Listen mode behaves similar to On-line mode, but all activity on the CAN-bus, with
exception of a special global wake-up request, is ignored. The global wake-up request is
described in Section 6.7.2. Pin RXDC is kept HIGH.
6.7.1.4
Off-line mode
Off-line mode is the low-power mode of the CAN transceiver. The CAN transceiver is
disabled to save supply current and is high-ohmic terminated to ground.
The CAN off-line time is programmable in two steps with the CAN Off-line Timer Control
(COTC) bit. When entering On-line (Listen) mode from Off-line mode the CAN off-line time
is temporarily extended to toff-line(ext).
6.7.2 CAN wake-up
To wake-up the UJA1065 via CAN it has to be distinguished between a conventional
wake-up and a global wake-up in case partial networking is enabled (bit CPNC = 1).
To pass the wake-up filter for a conventional wake-up a dominant, recessive, dominant,
recessive signal on the CAN-bus is needed; see Figure 9.
For a global wake-up out of On-line Listen mode two distinct CAN data patterns are
required:
In the initial message: C6 - EE - EE - EE - EE - EE - EE - EF (hexadecimal values)
In the global wake-up message: C6 - EE - EE - EE - EE - EE - EE - 37 (hexadecimal
values)
The second pattern must be received within ttimeout after receiving the first pattern. Any
CAN-ID can be used with these data patterns.
If the CAN transceiver enters On-line Listen mode directly from Off-line mode the global
wake-up message is sufficient to wake-up the SBC. This pattern must be received within
ttimeout after entering On-line Listen mode. Should ttimeout elapse before receiving the
global wake-up message, then both messages are required for a CAN wake-up.


Similar Part No. - UJA1065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1065TW PHILIPS-UJA1065TW Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
More results

Similar Description - UJA1065

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
   High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1075 NXP-UJA1075 Datasheet
387Kb / 53P
   High-speed CAN/LIN core system basis chip
Rev. 02-27 May 2010
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com