Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9950 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9950
Description  CEC/I2C-bus translator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9950 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9950 Datasheet HTML 5Page - NXP Semiconductors TDA9950 Datasheet HTML 6Page - NXP Semiconductors TDA9950 Datasheet HTML 7Page - NXP Semiconductors TDA9950 Datasheet HTML 8Page - NXP Semiconductors TDA9950 Datasheet HTML 9Page - NXP Semiconductors TDA9950 Datasheet HTML 10Page - NXP Semiconductors TDA9950 Datasheet HTML 11Page - NXP Semiconductors TDA9950 Datasheet HTML 12Page - NXP Semiconductors TDA9950 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TDA9950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 22 October 2009
9 of 22
NXP Semiconductors
TDA9950
CEC/I2C-bus translator
8.5.1 CECData.req service
This service is used to transfer CEC message data. The parameters for the service are
shown in Table 16. Transmission of the CEC message commences as soon as the
complete message has been received by the TDA9950 (subject to the appropriate Signal
Free Time rules being satisfied).
8.5.2 CECData.cnf service
This service is used by the TDA9950 to inform the host of the success or other result of a
CECData.req service. The parameters are shown in Table 17.
8.5.3 CECData.ind service
This service is used to transfer a CEC message, received from a remote device, to the
host. The parameters are listed in Table 18.
Table 15.
CEC Data services
ServiceSelector
From host to TDA9950
From TDA9950 to host
Section
00h
CECData.req
8.5.1
01h
CECData.cnf
8.5.2
81h
CECData.ind
(indication, no TDA9950 error)
8.5.3
82h
CECData.err
(no indication, TDA9950 error)
8.5.4
83h
CECData.ier
(indication, TDA9950 error)
8.5.5
Table 16.
Parameters for CECData.req service
Parameter
Comments
AddressByte
Source and destination logical addresses in the form SSSS DDDD
DataBytes
Bytes of message data up to the data length indicated by FrameByteCount
Table 17.
Parameters for CECData.cnf service
Parameter
Comments
Value
Meaning
ResultCode
A value indicating the result
of the transmission
00h
Success
80h
TDA9950 in off state
81h
Bad .req service
82h
Failed, unable to access CEC line
83h
Failed, arbitration error
84h
Failed, bit timing error
85h
Failed, destination address not
acknowledged
86h
Failed, data byte not acknowledged


Similar Part No. - TDA9950

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HN PHILIPS-TDA9952HN Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
More results

Similar Description - TDA9950

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com