Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE97B Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SE97B
Description  DDR memory module temp sensor with integrated SPD
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97B Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SE97B Datasheet HTML 28Page - NXP Semiconductors SE97B Datasheet HTML 29Page - NXP Semiconductors SE97B Datasheet HTML 30Page - NXP Semiconductors SE97B Datasheet HTML 31Page - NXP Semiconductors SE97B Datasheet HTML 32Page - NXP Semiconductors SE97B Datasheet HTML 33Page - NXP Semiconductors SE97B Datasheet HTML 34Page - NXP Semiconductors SE97B Datasheet HTML 35Page - NXP Semiconductors SE97B Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
32 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
8.7 MANID — Manufacturer’s ID register (06h, 16-bit read-only)
The SE97B Manufacturer’s ID register is intended to match NXP Semiconductors
PCI SIG (1131h).
8.8 DEVICEID — Device ID register (07h, 16-bit read-only)
The SE97B device ID is A2h. The device revision is 03h.
Table 24.
MANID - Manufacturer’s ID register bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
Manufacturer ID
Default
00
01
00
01
Access
RR
RR
RR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
(cont.)
Default
00
11
00
01
Access
RR
RR
RR
RR
Table 25.
DEVICEID - Device ID register bit allocation for SE97B
Bit
15
14
13
12
11
10
9
8
Symbol
Device ID
Default
10
10
00
10
Access
RR
RR
RR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
Device revision
Default
00
00
00
11
Access
RR
RR
RR
RR


Similar Part No. - SE97B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - SE97B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98 NXP-SE98 Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
   Memory module temperature sensor with a 2 Kb SPD EEPROM
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com