Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE97B Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SE97B
Description  DDR memory module temp sensor with integrated SPD
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97B Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SE97B Datasheet HTML 15Page - NXP Semiconductors SE97B Datasheet HTML 16Page - NXP Semiconductors SE97B Datasheet HTML 17Page - NXP Semiconductors SE97B Datasheet HTML 18Page - NXP Semiconductors SE97B Datasheet HTML 19Page - NXP Semiconductors SE97B Datasheet HTML 20Page - NXP Semiconductors SE97B Datasheet HTML 21Page - NXP Semiconductors SE97B Datasheet HTML 22Page - NXP Semiconductors SE97B Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
19 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
7.10.2.2
Reversible Write Protection (RWP) and Clear Reversible Write Protection (CRWP)
If the software write-protection has been set with the RWP instruction, it can be cleared
again with a CRWP instruction.
The two instructions, RWP and CRWP have the same format as a Byte Write instruction,
but with a different setting for the hardware address pins (as shown in Table 6). Like the
Byte Write instruction, it is followed by an address byte and a data byte, but in this case
the contents are all ‘Don’t Care’ (Figure 13). Another difference is that the voltage, VI(ov),
must be applied on the A0 pin, and specific logical levels must be applied on the other two
(A1 and A2), as shown in Table 6.
7.10.2.3
Read Permanent Write Protection (RPWP), Read Reversible Write Protection
(RRWP), and Read Clear Reversible Write Protection (RCRWP)
Read PWP, RWP, and CRWP allow the SE97B to be read in write protection mode. The
instruction format is the same as that of the write protection except that the 8th bit, R/W, is
set to 1. Figure 14 shows the instruction format, while Table 8 shows the responses when
the instructions are issued.
Table 7.
Acknowledge when writing data or defining write protection
Instructions with R/W bit = 0.
Status
Instruction
ACK
Address
ACK
Data byte
ACK
Write cycle
(tW)
Permanently
protected
PWP, RWP or CRWP
NACK
not significant
NACK
not significant
NACK
no
page or byte write in
lower 128 bytes
ACK
address
ACK
data
NACK
no
Protected with
RWP
RWP
NACK
not significant
NACK
not significant
NACK
no
CRWP
ACK
not significant
ACK
not significant
ACK
yes
PWP
ACK
not significant
ACK
not significant
ACK
yes
page or byte write in
lower 128 bytes
ACK
address
ACK
data
NACK
no
Not protected
PWP or RWP
ACK
not significant
ACK
not significant
ACK
yes
CRWP
ACK
not significant
ACK
not significant
ACK
no
page or byte write
ACK
address
ACK
data
ACK
yes
Table 8.
Acknowledge when reading the write protection
Instructions with R/W bit = 1.
Status
Instruction
ACK
Address
ACK
Data byte
ACK
Permanently
protected
RPWP, RRWP or
RCRWP
NACK
not significant
NACK
not significant
NACK
Protected with
RWP
RRWP
NACK
not significant
NACK
not significant
NACK
RCRWP
ACK
not significant
NACK
not significant
NACK
RPWP
ACK
not significant
NACK
not significant
NACK
Not protected
RPWP, RRWP or
RCRWP
ACK
not significant
NACK
not significant
NACK


Similar Part No. - SE97B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - SE97B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98 NXP-SE98 Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
   Memory module temperature sensor with a 2 Kb SPD EEPROM
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com