Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSB0805W105KN Datasheet(PDF) 1 Page - Dubilier

Part # DSB0805W105KN
Description  SURFACE MOUNT CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSB0805W105KN Datasheet(HTML) 1 Page - Dubilier

  DSB0805W105KN Datasheet HTML 1Page - Dubilier DSB0805W105KN Datasheet HTML 2Page - Dubilier DSB0805W105KN Datasheet HTML 3Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
1
SURFACE MOUNT
CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
L
W
T
P
SizeCode
mm
mm
mm
mm
0402
1.0±0.1 0.5±0.05 0.6 MAX
0.2
0603
1.6±0.15 0.8±0.1 0.9 MAX
0.3
0805
2.0±0.2 1.25±0.15 1.3 MAX
0.5
1206
3.2±0.2 1.6±0.15 1.3 MAX
0.5
1210
3.2±0.3 2.5±0.3 1.7 MAX
0.5
1812
4.5±0.3 3.2±0.3 1.6 MAX
0.5
ORDERING INFORMATION
OUTLINE DRAWING
L
W
T
P
P
C
Indicates
termination area
Dimensions in mm
DS
B
005
X
Part
Voltage
U = 50
E = 25V
C = 16V
B = 10V
D = 6.3V
Size
0402
0603
0805
1206
1210
1812
Dielectric
R =- X7R
X = X5R
G = Y5V
W = Z5U
10
K
N
Value
Example
104 = 100nF
105 = 1µF
106 = 10µF
Tolerance
K = 10%
M = 20%
Z = 20+80%
Plating
N = Nickel barrier
High capacitance range complimenting the standard DS range
Available in X7R, X5R, Y5V and Z5U
Suitable for many applications including digital consumer
goods and high resolution LCD displays
Dielectric
Available Tolerance
Capacitance
Tolerance Codes
X7R
+/- 10%, +/- 20%
As Tables
K=10%
M=20%
X5R
+/- 10%, +/- 20%
As Tables
K=10%
M=20%
Y5V
+/- 20%, - 20% + 80%
As Tables
M=20%
Z= -20% + 80%
Z5U
+/- 20%, - 20% + 80%
As Tables
M=20%
Z= -20% + 80%
TOLERANCE
DIELECTRIC MATERIALS, CAPACITANCE VALUES AND TOLERANCE AVAILABLE


Similar Part No. - DSB0805W105KN

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
DSB0.2A20 NJSEMI-DSB0.2A20 Datasheet
88Kb / 1P
   0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
DSB0.2A30 NJSEMI-DSB0.2A30 Datasheet
88Kb / 1P
   0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
DSB0.2A40 NJSEMI-DSB0.2A40 Datasheet
88Kb / 1P
   0.2 AND 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Eichhoff Electronics,In...
DSB010-350 EICHHOFF-DSB010-350 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
DSB010-558 EICHHOFF-DSB010-558 Datasheet
121Kb / 2P
   Stabkerndrosseln Iron core chokes Selfs baton de fer
More results

Similar Description - DSB0805W105KN

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSU0805C101JN DUBILIER-DSU0805C101JN Datasheet
425Kb / 6P
   SURFACE MOUNT CERAMIC SURFACE MOUNT MULTI - LAYER DS
DSHVJ1206C470JN DUBILIER-DSHVJ1206C470JN Datasheet
259Kb / 7P
   SURFACE MOUNT CERAMIC SMD MULTI - LAYER HIGH VOLTAGE DSHV
DS DUBILIER-DS Datasheet
458Kb / 9P
   CERAMIC SURFACE MOUNT MULTI - LAYER
logo
Vishay Siliconix
ILC-0805 VISHAY-ILC-0805 Datasheet
78Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC-0603 VISHAY-ILC-0603_V01 Datasheet
62Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
01-Jan-2022
ILC-0402 VISHAY-ILC-0402 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0603 VISHAY-ILC0603 Datasheet
77Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
ILC-0603 VISHAY-ILC-0603_17 Datasheet
78Kb / 3P
   Surface Mount, Multi Layer High Frequency Ceramic Inductors
Revision: 28-Sep-17
ILC-0603 VISHAY-ILC-0603 Datasheet
68Kb / 2P
   Surface Mount, Multi Layer High Frequency Ceramic Inductor
Revision: 11-Oct-07
ILC0402 VISHAY-ILC0402 Datasheet
78Kb / 3P
   Surface-Mount, Multi Layer High Frequency Ceramic Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com