Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP112F7EFR8C-Y5N3 Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # HMP112F7EFR8C-Y5N3
Description  240pin Fully Buffered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP112F7EFR8C-Y5N3 Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button HMP112F7EFR8C-Y5N3 Datasheet HTML 24Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 25Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 26Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 27Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 28Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 29Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 30Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 31Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 32Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Rev. 0.2 / Sep. 2008
28
1
240pin Fully Buffered DDR2 SDRAM DIMMs
PACKAGE OUTLINE
256Mx72, 2GB Module (2 ranks of x8 based DDR2 SDRAMs)
HMP125F7EFR8C(N3, D3, D5)
Note 1: All dimensions are typical millimeter scale unless otherwise stated.
FRONT VIEW
BACK VIEW
FRONT VIEW WITH HEAT SPREADER
BACK VIEW WITH HEAT SPREADER
Side
1.27±0.10
3.0 max
8.20 max
5.20 max
Chekbit
Chekbit
133.35 ±0.15
5.00
67.00
51.00
AMB


Similar Part No. - HMP112F7EFR8C-Y5N3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-S5 HYNIX-HMP112P7EFR8C-S5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-S5 HYNIX-HMP112P7EFR8C-S5 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-S6 HYNIX-HMP112P7EFR8C-S6 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HMP112F7EFR8C-Y5N3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com