Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMP112F7EFR8C-Y5N3 Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # HMP112F7EFR8C-Y5N3
Description  240pin Fully Buffered DDR2 SDRAM DIMMs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP112F7EFR8C-Y5N3 Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button HMP112F7EFR8C-Y5N3 Datasheet HTML 19Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 20Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 21Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 22Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 23Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 24Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 25Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 26Page - Hynix Semiconductor HMP112F7EFR8C-Y5N3 Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Rev. 0.2 / Sep. 2008
23
1
240pin Fully Buffered DDR2 SDRAM DIMMs
Timing Parameters
Note:
1. Defined in FB-DIMM Architecture and Protocol Spec.
Environmental Parameters
Note:
1. The designer must meet the case temperature specifications for individual module components.
2. Stresses greater than those listed may cause permanent damage to the device. This is a stress rating only, and
device functional operation at or above the conditions indicated is not implied. Exposure to absolute maximum rating
conditions for extended periods
Parameter
Symbol
Min
Typ
Max
Unit
Note
EI Assertion Pass-Thru Timing
tEI Propagad
-
4
clks
-
EI Deassertion Pass-Thru Timing
tEID
bit lock
clks
-
EI Assertion Duration
tEI
100
clks
1
Bit Lock Interval
tBitLock
119
frames
1
Frame Lock Interval
tFrameLock
154
frames
1
Symbol
Parameter
Rating
Units
Notes
TOPR
Operating temperature
See Note
1
HOPR
Operating humidity(relative)
10 to 90
%
2
TSTG
Storage temperature
-50 to +100
oC
2
HSTG
Storage humidity(without condensation)
5 to 95
%
2
PBAR
Barometric pressure(operating)
3050
m
2
PBAR
Barometric pressure (storage)
15240
m
2


Similar Part No. - HMP112F7EFR8C-Y5N3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-S5 HYNIX-HMP112P7EFR8C-S5 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-S5 HYNIX-HMP112P7EFR8C-S5 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-S6 HYNIX-HMP112P7EFR8C-S6 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
More results

Similar Description - HMP112F7EFR8C-Y5N3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112L72CP8D5-C4 HYNIX-HYMP112L72CP8D5-C4 Datasheet
621Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com