Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT49310.000A20 Datasheet(PDF) 1 Page - Dubilier

Part # DXT49310.000A20
Description  CRYSTALS REDUCED HEIGHT DXT493
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DXT49310.000A20 Datasheet(HTML) 1 Page - Dubilier

  DXT49310.000A20 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
7
SURFACE MOUNT
ELECTROLYTIC - 5˚C DVCR
Cylindrical leadless type for surface mounting
Low cost, general purpose, 2000 hours at 85°
New expanded CV Range
Anti-solvent (2 minutes)
Designed for automatic mounting and reflow soldering
DVCR
7
.
Range
Capacitance
µF
Voltage
COEFFICIENT OF FREQUENCY FOR RATED RIPPLE CURRENT
ORDERING INFORMATION
SPECIFICATIONS
Item
Performance
Category Temperature Range (°C) –40 to +85
Tolerance of Rated Capacity (%)
± 20
Leakage Current (µA)
Less than 0.01CV or 3 whichever is larger (after 2min) C: rated capacitance (µF)
Tangent of Loss Angle (tan∂)
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
tan∂ (max)
Ø3
0.42 0.30 0.24 0.22 0.16 0.14 0.12
Ø4 to Ø6.3
0.42 0.28 0.24 0.20 0.14 0.12 0.10
Ø8 to Ø10
0.28 0.24 0.20 0.14 0.12 0.10 0.10 0.10
Characteristics at high and low
temperatures
Rated Voltage (V)
4
6.3
10
16
25
35
50
63
100
Imped-
ance
Ø3
Z–25°C / Z+20°C
7
4
3
2
2
2
2
Z–40°C / Z+20°C
17
10
8
6
4
3
3
Ø4 to Ø6.3 Z–25°C / Z+20°C
7
3
3
2
2
2
2
Z–40°C / Z+20°C
15
8
5
4
3
3
3
Ø8 to Ø10 Z–25°C / Z+20°C
4
3
2
2
2
2
2
2
Z–40°C / Z+20°C
8
5
4
3
3
3
3
3
Endurance (85°C)
(Applied Ripple Current)
Test Time
2000 hours
Leakage Current
The initial specified value or less
Percentage of Capacitance Change
Within ±20% of initial value (4wv± 30%)
Tangent of Loss Angle
200% or less of the initial specified value (4wv: 3000%)
Shelf Life (85°C)
Test Time: 1000 hours: other items are the same as those for endurance. JIS C5101-1
Applicable Standards
JIS C5101-1, –18 1998 (IEC600384-1 1992, -18 1993)
Frequency (Hz)/Rated Voltage
50-0
10
1k
10k - 100k
4 to 16
0.8
1
1.15
1.25
25 to 35
0.8
1
1.25
1.40
50 to 63
0.8
1
1.35
1.50
100
0.7
1
1.35
1.50
LF
Can Size
Small = Blank
D8 = 8mm dia
D10 = 10mm dia
Lead Free


Similar Part No. - DXT49310.000A20

ManufacturerPart #DatasheetDescription
logo
Dubilier
DXT49310.000A20 DUBILIER-DXT49310.000A20 Datasheet
67Kb / 1P
   CRYSTALS REDUCED HEIGHT DXT493
DXT49310.000A203 DUBILIER-DXT49310.000A203 Datasheet
67Kb / 1P
   CRYSTALS REDUCED HEIGHT DXT493
DXT49310.000A20I DUBILIER-DXT49310.000A20I Datasheet
67Kb / 1P
   CRYSTALS REDUCED HEIGHT DXT493
DXT49310.000A20TR DUBILIER-DXT49310.000A20TR Datasheet
67Kb / 1P
   CRYSTALS REDUCED HEIGHT DXT493
More results

Similar Description - DXT49310.000A20

ManufacturerPart #DatasheetDescription
logo
Dubilier
DXT49310-000A20XX DUBILIER-DXT49310-000A20XX Datasheet
67Kb / 1P
   CRYSTALS REDUCED HEIGHT DXT493
DXT493 DUBILIER-DXT493 Datasheet
173Kb / 1P
   REDUCED HEIGHT
logo
List of Unclassifed Man...
ANT-916-PW-RA ETC2-ANT-916-PW-RA Datasheet
170Kb / 1P
   Reduced-height helical whip
logo
MTRONPTI
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
   Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
   Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
   CRYSTALS
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
   Crystals
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
   Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
   Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
   Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com