Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP112L72CP8D5-Y5 Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HYMP112L72CP8D5-Y5
Description  240pin Fully Buffered DDR2 SDRAM DIMMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112L72CP8D5-Y5 Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HYMP112L72CP8D5-Y5 Datasheet HTML 5Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 6Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 7Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 8Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 9Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 10Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 11Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 12Page - Hynix Semiconductor HYMP112L72CP8D5-Y5 Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Rev 1.0 / June 2008
9
1
240pin Fully Buffered DDR2 SDRAM DIMMs
Advanced Memory Buffer Pin Description
Note:
1. System Clock Signals SCK and SCK switch at one half the DRAM CK/ CK frequency.
2. TESTLO_AB20 and TESTLO_AC20 should be configured for debug purposes on protype DIMMs : each pin should
have a zero ohm resistor pulldown to ground, and an unpoplated resistor pullup to VCC.
These resistors can be replaced on production DIMMs with a direct connection to ground.
Pin Namel
Pin Description
Count
SPD Bus Interface Signals
5
SCL
Serial Presence Detect (SPD) Clock Input
1
SDA
SPD Data Input / Output
1
SA{2:0]
SPD Address Inputs, also used to select the DIMM number in the AMB
3
Miscellaneous Signals
163
PLLTSTO
PLL Clock Observability Output
1
VCCAPLL
Analog VCC for the PLL. Tied with low pass filter to VCC.
1
VSSAPLL
Analog VSS for the PLL. Tied to
1
TEST_pin#
Leave floating on the DIMM
6
TESTLO_pin#
Tie to ground on the DIMM2
5
BFUNC
Tie to ground to set functionality as “buffer on DIMM.”
1
RESET
AMB reset signal
1
NC
No connect. Many NC are connected to VDD on the DIMM, to lower the
impedance of the VDD power islands.
129
RFU
Reserved for Future Use
18
Power/Ground Signals
213
VCC
AMB Core Power(1.5 Volt)
24
VCCFBD
AMB Channel I/O Power(1.5 Volt)
8
VDD
AMB DRAM I/O Power (1.8 Volt)
24
VDDSPD
SPD Power (3.3 Volt)
1
VSS
Ground
156
Total
655


Similar Part No. - HYMP112L72CP8D5-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112F72CP8D3-C4 HYNIX-HYMP112F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-S5 HYNIX-HYMP112F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-S6 HYNIX-HYMP112F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-Y5 HYNIX-HYMP112F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D5-C4 HYNIX-HYMP112F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP112L72CP8D5-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112F7EFR8C-Y5N3 HYNIX-HMP112F7EFR8C-Y5N3 Datasheet
1Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
logo
Qimonda AG
HYS72T512022HFN-3.7-A QIMONDA-HYS72T512022HFN-3.7-A Datasheet
1Mb / 32P
   240-Pin Fully-Buffered DDR2 SDRAM Modules DDR2 SDRAM
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8L-C4 HYNIX-HYMP112P72CP8L-C4 Datasheet
781Kb / 27P
   240pin DDR2 VLP Registered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com