Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT821DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT821DB
Description  10-bit D-type flip-flop; positive-edge trigger; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT821DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT821DB Datasheet HTML 1Page - NXP Semiconductors 74ABT821DB Datasheet HTML 2Page - NXP Semiconductors 74ABT821DB Datasheet HTML 3Page - NXP Semiconductors 74ABT821DB Datasheet HTML 4Page - NXP Semiconductors 74ABT821DB Datasheet HTML 5Page - NXP Semiconductors 74ABT821DB Datasheet HTML 6Page - NXP Semiconductors 74ABT821DB Datasheet HTML 7Page - NXP Semiconductors 74ABT821DB Datasheet HTML 8Page - NXP Semiconductors 74ABT821DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74ABT821_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 25 February 2010
2 of 16
NXP Semiconductors
74ABT821
10-bit D-type flip-flop; positive-edge trigger; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74ABT821D
−40 °C to +85 °C
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
74ABT821DB
−40 °C to +85 °C
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
74ABT821PW
−40 °C to +85 °C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aac734
D0
13
1
CP
OE
D1 D2 D3 D4 D5 D6 D7 D8 D9
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 Q8 Q9
23 22 21 20 19 18 17 16 15 14
23456789
10 11
1
2D
1
EN
13
C2
2
23
322
421
520
619
718
817
916
10
15
11
14
001aac735
Fig 3.
Logic diagram
001aac736
D0
Q0
D
2
23
1
13
CP
CP
OE
Q
D1
Q1
D
3
22
CP Q
D2
Q2
D
4
21
CP Q
D3
Q3
D
5
20
CP Q
D4
Q4
D
6
19
CP Q
D5
Q5
D
7
18
CP Q
D6
Q6
D
8
17
CP Q
D7
Q7
D
9
16
CP Q
D8
Q8
D
10
15
CP Q
D9
Q9
D
11
14
CP Q


Similar Part No. - 74ABT821DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821DB PHILIPS-74ABT821DB Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Similar Description - 74ABT821DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
   Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
   Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
   Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com