Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSH33010-TA Datasheet(PDF) 2 Page - Dubilier

Part # DSH33010-TA
Description  CAPACITORS ULTRA LOW IMPEDANCE DSH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DSH33010-TA Datasheet(HTML) 2 Page - Dubilier

  DSH33010-TA Datasheet HTML 1Page - Dubilier DSH33010-TA Datasheet HTML 2Page - Dubilier DSH33010-TA Datasheet HTML 3Page - Dubilier DSH33010-TA Datasheet HTML 4Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
55
CAPACITORS
ULTRA LOW IMPEDANCE DSH
W.V
6.3
10
16
25
35
50
63
100
Cap µF
0.47
5x11
-
-
0.68
5x11
-
-
1
5x11
-
-
2.2
5x11
-
-
3.3
5x11
-
-
4.7
5x11
-
-
5.6
5x11
-
5x11
6.8
5x11
-
-
10
5x11
-
6.3x11
12
5x11
-
6.3x11
15
5x11
-
8x11.5
18
5x11
5x11
-
22
5x11
5x11
-
8x11.5
27
5x11
6.3x11
-
8x15
33
5x11
6.3x11
6.3x11
6.3x11
-
39
5x11
-
6.3x11
6.3x11
8x20
47
5x11
5x11
6.3x11
6.3x11
8x11.5
10x16
56
5x11
-
-
-
8x11.5
-
68
5x11
-
6.3x11
6.3x11
8x11.5
8x12.5 (S)
10x20
-
-
-
-
-
10x12.5
-
82
5x11
6.3x11
6.3x11
8x12.5
-
-
100
5x11
5x11
6.3x11
6.3x11
8x11.5
8x15 (S)
12.5x20
-
-
-
-
-
10x12.5
-
-
120
-
-
6.3x11
8x11.5
8x12.5 (S)
8x20
8x20 (S)
-
-
-
-
10x12.5
-
10x12.5
-
150
-
6.3x11
6.3x11 (S)
8x11.5
8x15 (S)
8x20 (S)
10x16 (S)
12.5x25
-
-
8x11.5
-
10x12.5
10x16
12.5x16
-
180
-
6.3x11
-
8x12.5
10x16
10x20
10x20
-
220
6.3x11
6.3x11 (S)
8x11.5
8x15 (S)
8x20 (S)
10x20
10x20
16x25
-
8x11.5
-
10x12.5
10x16
-
-
-
270
-
-
8x12.5
10x12.5
-
-
10x22
-
330
6.3x11 (S)
8x11.5
8x15 (S)
8x20 (S)
10x20 (S)
10x22
12.5x20
16x31.5
8x11.5
-
10x12.5
10x16
12.5x16
-
-
-
390
-
-
10x16
-
10x20
-
-
16x35.5
470
8x11.5
8x15 (S)
8x20 (S)
10x16 (S)
10x20
12.5x20
12.5x25
16x35.5
-
10x12.5
10x16
10x20
-
-
-
-
560
-
10x16
-
10x20
12.5x20
12.5x25
-
-
680
8x15 (S)
8x20 (S)
10x20 (S)
10x22
12.5x20
16x21
16x25
10x12.5
10x16
12.5x16
-
-
-
-
-
820
10x12.5
-
10x20
12.5x20
-
16x25
-
-
1000
8x20 (S)
10x20 (S)
10x22
12.5x20 (S)
12.5x25 (S)
16x25
16x31.5
-
10x16
12.5x16
-
16x16
16x21
-
-
-
1200
10x16 (S)
10x20
16x16 (S)
12.5x25 (S)
16x25
16x31.5
12.5x16
-
12.5x20
16x21
-
-
-
-
1500
10x20 (S)
10x22
12.5x25 (S)
16x21
16x25
16x35.5 (S)
-
-
12.5x16
-
16x21
-
-
18x31.5
-
-
1800
-
12.5x20 (S)
12.5x25
16x25
16x31.5
18x35.5
-
-
-
16x16
-
-
-
-
-
-
2200
12.5x20
12.5x20 (S)
12.5x25 (S)
16x25
16x35.5 (S)
-
-
-
-
12.5x25
16x21
-
18x31.5
-
-
-
2700 12.5x25 (S)
12.5x25 (S)
16x25
16x31.5
18x31.5
16x16
16x21
-
-
-
-
-
-
3300
-
12.5x25 (S)
16x31.5
16x35.5 (S)
18x35.5
-
-
-
-
16x21
-
18x31.5
-
-
-
-
3900 12.5x25 (S)
16x25
16x31.5
18x31.5
-
-
-
-
16x21
-
-
-
-
-
-
-
4700
12.5x25
16x31.5
16x35.5 (S)
18x35.5
-
-
-
-
-
-
18x31.5
-
-
-
-
-
5600
16x25
16x31.5
18x35.5
-
-
-
-
-
6800
16x31.5
16x35.5 (S)
-
-
-
-
-
-
18x31.5
-
-
-
-
-
8200
16x31.5
18x35.5
-
-
-
-
-
-
10000 18x31.5
-
-
-
-
-
-
-
12000 18x35.5
-
-
-
-
-
-
Freq Hz
120
1K
10K 100K
Cap µF
0.47 -4.7
0.4
0.68 0.78
1
5.6 - 47
0.5
0.76
0.87
1
56 - 270
0.7
0.85
0.9
1
330 - 1000
0.8
0.93 0.98
1
1200 - 12000 0.9
0.95
1
1
L + 1
15 min
5
min
d ø
Vinyl Sleeve
P
D ø+0.5
±
0.5
Ambient Temp
≤+70°C +85°C +105°C
Correction Factor
1.96
1.68
1.0
Case Size (D)
5
6.3
8
10
12.5
16
18
Lead Space (P)
2
2.5
3.5
5
7.5
Lead Dia (d)
0.5
0.6
0.8
RANGE AND CASE SIZE DØ x Lmm
RIPPLE CURRENT
OUTLINE DRAWING
CORRECTION FACTOR
TEMPERATURE FACTOR
Dimensions in mm


Similar Part No. - DSH33010-TA

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DSH SCHURTER-DSH Datasheet
449Kb / 3P
   Storage Choke, high design
logo
Dubilier
DSH DUBILIER-DSH Datasheet
325Kb / 4P
   ULTRA LOW IMPEDANCE
logo
Schurter Inc.
DSH SCHURTER-DSH Datasheet
310Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH Datasheet
320Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH Datasheet
321Kb / 3P
   Storage Choke, high design
04.01.2022
More results

Similar Description - DSH33010-TA

ManufacturerPart #DatasheetDescription
logo
Dubilier
DSH DUBILIER-DSH Datasheet
325Kb / 4P
   ULTRA LOW IMPEDANCE
DSHR33010TR DUBILIER-DSHR33010TR Datasheet
203Kb / 2P
   CAPACITORS ULTRA LOW IMPEDANCE REDUCED SIZE DSHR
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
   Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com