Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP112U64CP8-Y5 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMP112U64CP8-Y5
Description  240pin DDR2 SDRAM Unbuffered DIMMs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP112U64CP8-Y5 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMP112U64CP8-Y5 Datasheet HTML 1Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 2Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 3Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 4Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 5Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 6Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 7Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 8Page - Hynix Semiconductor HYMP112U64CP8-Y5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Rev. 0.6 / Jul. 2008
5
1240pin DDR2 SDRAM Unbuffered DIMMs
PIN ASSIGNMENT(Continued)
*NC=No connect
Note :
1. The TEST pin is reserved for bus analysis tools and is not connected on standard memory module products(DIMMs).
2. NC Pins should not be connected to anything, including bussing within the NC group.
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
23
VSS
63
A2
103
VSS
143
DQ20
183
A1
223
DM6
24
DQ16
64
VDD
104
DQS6
144
DQ21
184
VDD
224
NC
25
DQ17
65
VSS
105
DQS6
145
VSS
185
CK0
225
VSS
26
VSS
66
VSS
106
VSS
146
DM2
186
CK0
226
DQ54
27
DQS2
67
VDD
107
DQ50
147
NC
187
VDD
227
DQ55
28
DQS2
68
NC
108
DQ51
148
VSS
188
A0
228
VSS
29
VSS
69
VDD
109
VSS
149
DQ22
189
VDD
229
DQ60
30
DQ18
70
A10/AP
110
DQ56
150
DQ23
190
BA1
230
DQ61
31
DQ19
71
BA0
111
DQ57
151
VSS
191
VDDQ
231
VSS
32
VSS
72
VDDQ
112
VSS
152
DQ28
192
RAS
232
DM7
33
DQ24
73
WE
113
DQS7
153
DQ29
193
S0
233
NC
34
DQ25
74
CAS
114
DQS7
154
VSS
194
VDDQ
234
VSS
35
VSS
75
VDDQ
115
VSS
155
DM3
195
ODT0
235
DQ62
36
DQS376
S1
116
DQ58
156
NC
196
A13
236
DQ63
37
DQS3
77
ODT1
117
DQ59
157
VSS
197
VDD
237
VSS
38
VSS
78
VDDQ
118
VSS
158
DQ30
198
VSS
238
VDDSPD
39
DQ26
79
VSS
119
SDA
159
DQ31
199
DQ36
239
SA0
40
DQ27
80
DQ32
120
SCL
160
VSS
200
DQ37
240
SA1


Similar Part No. - HYMP112U64CP8-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP112F72CP8D3-C4 HYNIX-HYMP112F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-S5 HYNIX-HYMP112F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-S6 HYNIX-HYMP112F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D3-Y5 HYNIX-HYMP112F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP112F72CP8D5-C4 HYNIX-HYMP112F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP112U64CP8-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6AFR8C-G7 HYNIX-HMT351U6AFR8C-G7 Datasheet
385Kb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HYMP112F72CP8N3-C4 HYNIX-HYMP112F72CP8N3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP164U6EFR8C-C4 HYNIX-HMP164U6EFR8C-C4 Datasheet
266Kb / 29P
   1240pin DDR2 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com