Electronic Components Datasheet Search |
|
DSB0805X106KN Datasheet(PDF) 3 Page - Dubilier |
|
DSB0805X106KN Datasheet(HTML) 3 Page - Dubilier |
3 / 3 page Fax: 01371 875075 www.dubilier.co.uk Tel: 01371 875758 1 SURFACE MOUNT PERFORMANCE CHARACTERISTICS CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS REEL DIMENSIONS (mm) TAPE DIMENSIONS (mm) D0 A0 B0 E F G W P P2 P0 directional of unreeling Type C Type P t t K1 W Type D0 P P0 P E F G t 8.0 ± 0.3 C 1.5 +0.1, -0 4.0 ± 0.1 4.0 ± 0.1 2.0 ± -0.05 1.75 ± 0.1 3.5 ± 0.05 0.75 min 1.1 max 8.0 ± 0.3 P 1.5 +0.1, -0 4.0 ± 0.1 4.0 ± 0.1 2.0 ± 0.05 1.75 ± 0.1 3.5 ± 0.05 0.75 min 0.3 max 12.0 ± 0.3 P 1.5 +0.1, -0 8.0 ± 0.1 4.0 ± 0.1 2.0 ± 0.05 1.75 ± 0.1 5.5 ± 0.05 0.75 min 0.1 max C = Card P = Plastic 2 ± 0.5 +0.15 -0 12.75 +0.5 -0 20.5 W1 62 ± 1.5 A Nom. Tape Width A W1 8 180 or 330 +0-2 8.4 +1.5-0 12 180 or 330 +0-2 12.4 +2-0 PERFROMANCE CHARACTERISTICS 1. ELECTRICAL Dielectric Code X7R X5R Y5V Z5U General X7R dielectrics offer higher capacitance for a given case size than COG. X5R dielectrics offer higher capacitance for a given case size than X7R. Y5V dielectrics offer the highest capacitance for a given case size than X5R. Z5U dielectrics offer the highest cpacitance for a given case size than Y5V. Examples of Applications Applications would include bypass, coupling and filter- ing circuits. Applictaions would include bypass, coupling and filter- ing circuits. Applications would include bypass and decoupling circuits or where tempera- ture dependence is not of major importance. Applications would include bypass and decoupling circuits or where tempera- ture dependance is not of major importance. Temperature Range -55° to + 125° - 55° to + 85° - 25° to + 85° - 25° to + 85° Insulation Resistance (I.R.) after 1 min charging at Rated Voltage >100G ohms or 1000 sec whichever is less >100G ohms or 1000sec whichever is less. >10G ohms or 100 sec whichever is less. >10G ohms or 100 sec whichever is less. Voltage Ratings dc 10, 16, 25, 50 10,16,25 10, 16, 25, 35 10, 16, 25, 35 Proof Voltage 2.5 x rated voltage 2.5 X rated voltage. 2 x rated voltage 2.5 x rated voltage Max allowable Capaci- tance Variation over Temperature Range ± 15% ± 15% +30% to - 80% +22% to - 56% . ENVIRONMENT Test Conditions Requirement Resistance to soldering heat Components completely immersed in a solder bath at 260 ± 10° for 5 secs. 25% Max leaching on each edge Adhesion Component mounted to substrate a force of 5N applied normal to the line joining the termi- nation and in a line parallel to the substrate. No visible damage Rapid change or Temperature - 55 to 125°C, 5 cycles (1B, 2C1) - 25 to +85°, 5 cycles (2F4) No visible damage. After recovery ∆ C/C ≤±1% or pF COG ∆ C/C ≤±10% X7R ∆ C/C ≤±10% X5R ∆ C/C ≤±20% Y5V Tan ≤1.5 x specified value IR. ≤0.25 x specified value |
Similar Part No. - DSB0805X106KN |
|
Similar Description - DSB0805X106KN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |