Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2265IUJ-14TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2265IUJ-14TRPBF
Description  14-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2265IUJ-14TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2265IUJ-14TRPBF Datasheet HTML 3Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 4Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 5Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 6Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 7Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 8Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 9Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 10Page - Linear Technology LTC2265IUJ-14TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2265-14/
LTC2264-14/LTC2263-14
7
22654314f
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Digital Data Outputs (RTERM = 100Ω Differential, CL = 2pF to GND on Each Output)
tSER
Serial Data Bit Period
Two Lanes, 16-Bit Serialization
Two Lanes, 14-Bit Serialization
Two Lanes, 12-Bit Serialization
One Lane, 16-Bit Serialization
One Lane, 14-Bit Serialization
One Lane, 12-Bit Serialization
1 / (8 • fS)
1 / (7 • fS)
1 / (6 • fS)
1 / (16 • fS)
1 / (14 • fS)
1 / (12 • fS)
s
tFRAME
FR to DCO Delay
(Note 8)
l
0.35 • tSER
0.5 • tSER
0.65 • tSER
s
tDATA
DATA to DCO Delay
(Note 8)
l
0.35 • tSER
0.5 • tSER
0.65 • tSER
s
tPD
Propagation Delay
(Note 8)
l
0.7n + 2 • tSER
1.1n + 2 • tSER
1.5n + 2 • tSER
s
tR
Output Rise Time
Data, DCO, FR, 20% to 80%
0.17
ns
tF
Output Fall Time
Data, DCO, FR, 20% to 80%
0.17
ns
DCO Cycle-to-Cycle Jitter
tSER = 1ns
60
psP-P
Pipeline Latency
6
Cycles
SPI Port Timing (Note 8)
tSCK
SCK Period
Write Mode
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
l
40
250
ns
ns
tS
CS to SCK Set-Up Time
l
5ns
tH
SCK to CS Set-Up Time
l
5ns
tDS
SDI Set-Up Time
l
5ns
tDH
SDI Hold Time
l
5ns
tDO
SCK Falling to SDO Valid
Readback Mode, CSDO = 20pF, RPULLUP = 2k
l
125
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to GND with GND and OGND
shorted (unless otherwise noted).
Note 3: When these pin voltages are taken below GND or above VDD, they
will be clamped by internal diodes. This product can handle input currents
of greater than 100mA below GND or above VDD without latchup.
Note 4: When these pin voltages are taken below GND they will be
clamped by internal diodes. When these pin voltages are taken above VDD
they will not be clamped by internal diodes. This product can handle input
currents of greater than 100mA below GND without latchup.
Note 5: VDD = OVDD = 1.8V, fSAMPLE = 65MHz (LTC2265), 40MHz
(LTC2264), or 25MHz (LTC2263), 2-lane output mode, differential ENC+/
ENC= 2VP-P sine wave, input range = 2VP-P with differential drive, unless
otherwise noted.
Note 6: Integral nonlinearity is defined as the deviation of a code from a
best fit straight line to the transfer curve. The deviation is measured from
the center of the quantization band.
Note 7: Offset error is the offset voltage measured from –0.5 LSB when
the output code flickers between 00 0000 0000 0000 and 11 1111 1111
1111 in 2’s complement output mode.
Note 8: Guaranteed by design, not subject to test.
Note 9: VDD = OVDD = 1.8V, fSAMPLE = 65MHz (LTC2265), 40MHz
(LTC2264), or 25MHz (LTC2263), 2-lane output mode, ENC+ = single-
ended 1.8V square wave, ENC= 0V, input range = 2VP-P with differential
drive, unless otherwise noted. The supply current and power dissipation
specifications are totals for the entire chip, not per channel.
Note 10: Recommended operating conditions.
Note 11: The maximum sampling frequency depends on the speed grade
of the part and also which serialization mode is used. The maximum serial
data rate is 1000Mbps, so tSER must be greater than or equal to 1ns.


Similar Part No. - LTC2265IUJ-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2265IUJ-12PBF LINER-LTC2265IUJ-12PBF Datasheet
1Mb / 32P
   12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC2265IUJ-12TRPBF LINER-LTC2265IUJ-12TRPBF Datasheet
1Mb / 32P
   12-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
More results

Similar Description - LTC2265IUJ-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2263-14 LINER-LTC2263-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2265-14 LINER-LTC2265-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTC2142-14 LINER-LTC2142-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2141-14 LINER-LTC2141-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2140-14 LINER-LTC2140-14_15 Datasheet
547Kb / 38P
   14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
LTC2264-14 LINER-LTC2264-14_15 Datasheet
1Mb / 32P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Dual ADCs
LTM9008-14 LINER-LTM9008-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTM9007-14 LINER-LTM9007-14_15 Datasheet
740Kb / 38P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Octal ADCs
LTC2171-14 LINER-LTC2171-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
LTC2170-14 LINER-LTC2170-14_15 Datasheet
1Mb / 34P
   14-Bit, 65Msps/40Msps/ 25Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com