Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2391IUK-16TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2391IUK-16TRPBF
Description  16-Bit, 250ksps SAR ADC with 94dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2391IUK-16TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2391IUK-16TRPBF Datasheet HTML 1Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 2Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 3Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 4Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 5Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 6Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 7Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 8Page - Linear Technology LTC2391IUK-16TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2391-16

239116f
ANALOg INPuT The
l
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Absolute Input Range (IN+)
(Note 5)
l
–0.05
AVP
V
VIN–
Absolute Input Range (IN)
(Note 5)
l
–0.05
AVP
V
VIN+ – VIN–
Input Differential Voltage Range
VIN = VIN+ – VIN–
l
–VREF
VREF
V
VCM
Common Mode Input Range
l
VREF/2 – 0.05
VREF/2
VREF/2 + 0.05
V
IIN
Analog Input Leakage Current
l
±1
µA
CIN
Analog Input Capacitance
Sample Mode
Hold Mode
45
5
pF
pF
CMRR
Input Common Mode Rejection Ratio
70
dB
CONverTer ChArACTerIsTICs The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
l
16
Bits
No Missing Codes
l
16
Bits
Transition Noise
0.3
LSBRMS
INL
Integral Linearity Error
(Note 6)
l
–2
±1
2
LSB
DNL
Differential Linearity Error
l
–1
1
LSB
BZE
Bipolar Zero Error
(Note 7)
l
–7
7
LSB
Bipolar Zero Error Drift
1
ppm/°C
FSE
Bipolar Full-Scale Error
External Reference
Internal Reference (Note 7)
l
0.14
0.1
%
%
Bipolar Full-Scale Error Drift
±10
ppm/°C
DYNAmIC ACCurACY The
l
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS (Notes 4, 8)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SINAD
Signal-to-(Noise + Distortion) Ratio
fIN = 20kHz
l
90.5
93.5
dB
SNR
Signal-to-Noise Ratio
fIN = 20kHz
l
91
94
dB
THD
Total Harmonic Distortion
fIN = 20kHz, First 5 Harmonics
l
–103
–94
dB
SFDR
Spurious-Free Dynamic Range
fIN = 20kHz
104
dB
–3dB Input Bandwidth
50
MHz
Aperture Delay
0.5
ns
Aperture Jitter
7
psRMS
Transient Response
Full-Scale Step
60
ns


Similar Part No. - LTC2391IUK-16TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2391-16 LINER-LTC2391-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
More results

Similar Description - LTC2391IUK-16TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com