Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6802IG-2PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6802IG-2PBF
Description  Multicell Addressable Battery Stack Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6802IG-2PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC6802IG-2PBF Datasheet HTML 1Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 2Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 3Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 4Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 5Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 6Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 7Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 8Page - Linear Technology LTC6802IG-2PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTC6802-2

68022fa
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V).................................60V
Input Voltage (Relative to V)
C1 ............................................................ –0.3V to 9V
C12 ..........................................V+ – 0.6V to V+ + 0.3V
Cn (Note 5) ......................... –0.3V to Min (9 • n, 60V)
Sn (Note 5) ......................... –0.3V to Min (9 • n, 60V)
All Other Pins........................................... –0.3V to 7V
Voltage Between Inputs
Cn to Cn – 1............................................. –0.3V to 9V
Sn to Cn – 1............................................. –0.3V to 9V
C12 to C8............................................... –0.3V to 25V
C8 to C4................................................. –0.3V to 25V
C4 to V................................................. –0.3V to 25V
Operating Temperature Range..................–40°C to 85°C
Specified Temperature Range ..................–40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range...................–65°C to 150°C
*n = 1 to 12
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
TOP VIEW
G PACKAGE
44-LEAD PLASTIC SSOP
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
V+
C12
S12
C11
S11
C10
S10
C9
S9
C8
S8
C7
S7
C6
S6
C5
S5
C4
S4
C3
S3
C2
CSBI
SDO
SDI
SCKI
A3
A2
A1
A0
GPIO2
GPIO1
WDTB
MMB
TOS
VREG
VREF
VTEMP2
VTEMP1
NC
V
S1
C1
S2
TJMAX = 150°C, θJA = 70°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6802IG-2#PBF
LTC6802IG-2#TRPBF
LTC6802G-2
44-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC6802IG-2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802IG-1 LINER-LTC6802IG-1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6802IG-1-PBF LINER-LTC6802IG-1-PBF Datasheet
262Kb / 32P
   Multicell Battery Stack Monitor
LTC6802IG-1-TRPBF LINER-LTC6802IG-1-TRPBF Datasheet
262Kb / 32P
   Multicell Battery Stack Monitor
LTC6802IG-1PBF LINER-LTC6802IG-1PBF Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6802IG-1TRPBF LINER-LTC6802IG-1TRPBF Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
More results

Similar Description - LTC6802IG-2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802-2 LINER-LTC6802-2_15 Datasheet
378Kb / 34P
   Multicell Addressable Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_15 Datasheet
335Kb / 38P
   Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2 Datasheet
405Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1 Datasheet
424Kb / 40P
   Multicell Battery Stack Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com