Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3890EGN-1TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3890EGN-1TRPBF
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3890EGN-1TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3890EGN-1TRPBF Datasheet HTML 3Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 4Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 5Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 6Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 7Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 8Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 9Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 10Page - Linear Technology LTC3890EGN-1TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3890-1
7
38901f
TYPICAL PERFORMANCE CHARACTERISTICS
TRACK/SS Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
SENSEPin Total Input Bias Current
vs Temperature
Shutdown Current vs Input
Voltage
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Oscillator Frequency vs Input
Voltage
Shutdown Current vs Temperature
TEMPERATURE (°C)
–45
0.90
0.95
1.00
1.05
1.10
–20
5
30
55
38901 G19
80
105
130
TEMPERATURE (°C)
–45
1.30
1.35
1.40
30
80
38901 G20
1.25
1.20
–20
5
55
105
130
1.15
1.00
1.05
1.10
RUN1 RISING
RUN2 RISING
RUN1 FALLING
RUN2 FALLING
TEMPERATURE (°C)
–45
806
30
38901 G21
800
796
–20
5
55
794
792
800
804
802
798
80
105
130
TEMPERATURE (°C)
–45
–600
–650
–700
–750
–800
–500
–550
–400
–450
–300
–350
50
–50
–25
15
35
55
115
38901 G22
0
–150
–100
–200
–250
–5
75
95
VOUT < INTVCC – 0.5V
VOUT > INTVCC – 0.5V
TEMPERATURE (°C)
–45
500
550
600
30
80
38901 G24
450
400
–20
5
55
105
130
350
300
FREQ = GND
FREQ = INTVCC
INPUT VOLTAGE (V)
0
10
15
30
25
20
30 35 40 45 50 55 60 65
15
10
525
38901 G23
5
20
INPUT VOLTAGE (V)
344
348
350
356
20
30 35 40 45 50 55 60 65
15
10
525
38901 G26
346
352
354
FREQ = GND
TEMPERATURE (°C)
8
12
14
22
20
55
80
105
130
5
–45
–20
30
38901 G27
10
16
18
VIN = 12V
TEMPERATURE (°C)
–45
3.4
3.5
3.7
3.8
3.9
4.4
4.1
5
55
80
38901 G25
3.6
4.2
4.3
4.0
–20
30
105
130
RISING
FALLING


Similar Part No. - LTC3890EGN-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3890EUH LINER-LTC3890EUH Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890EUHPBF LINER-LTC3890EUHPBF Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890EUHTRPBF LINER-LTC3890EUHTRPBF Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3890EGN-1TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892 LINER-LTC3892_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890 LINER-LTC3890_15 Datasheet
918Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2_15 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-2 LINER-LTC3890-2 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3892-1 LINER-LTC3892-1_15 Datasheet
1Mb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com