Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6655CHMS8-2.5PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6655CHMS8-2.5PBF
Description  0.25ppm Noise, Low Drift Precision Buffered Reference Family
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6655CHMS8-2.5PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6655CHMS8-2.5PBF Datasheet HTML 7Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 8Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 9Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 10Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 11Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 12Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 13Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 14Page - Linear Technology LTC6655CHMS8-2.5PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC6655

6655fa
3.5V
3V
VIN
VOUT
50mV/DIV
COUT = 3.3µF
6655 F04
400µs/DIV
applicaTions inForMaTion
The choice of output capacitor also affects the bandwidth
of the reference circuitry and resultant noise peaking. As
shown in Figure 1, the bandwidth is inversely proportional
to the value of the output capacitor.
Noise peaking is related to the phase margin of the output
buffer.Higherpeakinggenerallyindicateslowerphasemar-
gin. Other factors affecting noise peaking are temperature,
input voltage, and output load current.
Start-Up and Load Transient Response
Results for the transient response plots (Figures 3 to 8)
were produced with the test circuit shown in Figure 2
unless otherwise indicated.
The turn-on time is slew limited and determined by the
short-circuit current, the output capacitor, and output
voltage as shown in the equation:
t
V
C
I
ON
OUT
OUT
SC
=
For example, the LTC6655-2.5V, with a 3.3µF output
capacitor and a typical short-circuit current of 20mA, the
start-up time would be approximately:
2 5
3 3 10
0 02
412
6
.
. •
.
V
F
A
µs
=
The resulting turn-on time is shown in Figure 3. Here
the output capacitor is 3.3µF and the input capacitor is
0.1µF.
Figure 4 shows the output response to a 500mV step on
VIN. The output response to a current step sourcing and
sinking is shown in Figures 5 and 6, respectively.
Figure 7 shows the output response as the current goes
from sourcing to sinking.
Shutdown Mode
The LTC6655 family of references can be shut down by
tying the SHDN pin to ground. There is an internal pull-up
resistor tied to this pin. If left unconnected this pin rises to
VIN and the part is enabled. Due to the low internal pull-up
current, it is recommended that the SHDN pin be pulled
high externally for normal operation to prevent accidental
LTC6655-2.5
100
VOUT
1,2
7
6
3,4,5,8
CIN
0.1µF
COUT
3.3µF
VGEN
6655 F02
0.5V
VIN
3V
Figure 2. Transient Load Test Circuit
Figure 3. Start-Up Response
Figure 4. Output Response with a 500mV Step On VIN
Figure 1. Output Voltage Noise Spectrum
VIN
2V/DIV
VOUT
1V/DIV
COUT = 3.3µF
6655 F03
200µs/DIV
COUT = 100µF
FREQUENCY (kHz)
60
100
0.01
10
100
1000
0
20
0.1
1
120
80
40
6655 F01
COUT = 2.7µF
COUT = 10µF


Similar Part No. - LTC6655CHMS8-2.5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6655 LINER-LTC6655 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LTC6655 LINER-LTC6655 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC6655 LINER-LTC6655 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC6655 LINER-LTC6655 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC6655 LINER-LTC6655 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results

Similar Description - LTC6655CHMS8-2.5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6652AHMS8-2.5 LINER-LTC6652AHMS8-2.5 Datasheet
381Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652_15 Datasheet
442Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6652 LINER-LTC6652 Datasheet
337Kb / 16P
   Precision Low Drift Low Noise Buffered Reference
LTC6652_1208 LINER-LTC6652_1208 Datasheet
464Kb / 20P
   Precision Low Drift Low Noise Buffered Reference
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
LT6657 LINER-LT6657 Datasheet
1Mb / 24P
   1.5ppm/째C Drift, Low Noise, Buffered Reference
logo
Linear Integrated Syste...
LT6657AHMS8-5 LINEAR-LT6657AHMS8-5 Datasheet
747Kb / 22P
   1.5ppm C Drift, Low Noise, Buffered Reference
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
   Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com