Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4150 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4150_1 Datasheet HTML 6Page - Linear Technology LTC4150_1 Datasheet HTML 7Page - Linear Technology LTC4150_1 Datasheet HTML 8Page - Linear Technology LTC4150_1 Datasheet HTML 9Page - Linear Technology LTC4150_1 Datasheet HTML 10Page - Linear Technology LTC4150_1 Datasheet HTML 11Page - Linear Technology LTC4150_1 Datasheet HTML 12Page - Linear Technology LTC4150_1 Datasheet HTML 13Page - Linear Technology LTC4150_1 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LTC4150
10
4150fc
APPLICATIONS INFORMATION
AUTOMATIC CHARGE COUNT INTERRUPT AND CLEAR
In applications where a CLR pulse is unavailable, it’s easy to
make the LTC4150 run autonomously, as shown in Figures
5 and 6. If the microcontroller VCC is less than or equal to
the battery VDD, INT may be directly connected to CLR, as
in Figure 5. The only requirement is that the microcontroller
should be able to provide a high logic level of 1.9V to SHDN.
If the microcontroller VCC is greater than the battery VDD,
use Figure 6. The resistor dividers on CLR and SHDN keep
the voltages at these pins within the LTC4150’s VDD range.
Choose an RL value using Equation 11 and R1-R4 values
using Equation 13. In either application, the LTC4150 will
capture the first assertion of INT and wait at least 1μs
before resetting it. This insures that INT pulses low for at
least 1μs but gives automatic INT reset.
INT
SENSE+
SENSE
SHDN
CLR
POL
LTC4150
μP
C2
4.7μF
RL
10
9
8
7
6
1
2
5
4150 F05
VDD
GND
RL
PROCESSOR
VCC
POWER-DOWN
SWITCH
CL
47μF
LOAD
+
CF
+
CF
3
4
CF
4.7μF
2.7V TO 8.5V
BATTERY
RSENSE
INT
SENSE+
SENSE
SHDN
SHUTDOWN
R4
R3
CLR
POL
LTC4150
μP
C2
4.7μF
RL
10
9
8
7
6
1
2
5
4150 F06
VDD
GND
RL
PROCESSOR
VCC
POWER-DOWN
SWITCH
CL
47μF
LOAD
+
CF
+
CF
3
4
CF
4.7μF
BATTERY
VBATTERY < VCC
RSENSE
R2
R1
Figure 5. Application with INT Direct Drive or CLR and Separate Microprocessor Supply VCC ≤ VDD
Figure 6. Application with INT Driving CLR and Separate Microprocessor Supply VCC > VDD


Similar Part No. - LTC4150_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
More results

Similar Description - LTC4150_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
   High-Precision Coulomb Counter
051805
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
   High-Precision Coulomb Counter
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com