Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3865 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3865
Description  Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3865 Datasheet(HTML) 3 Page - Linear Technology

  LTC3865 Datasheet HTML 1Page - Linear Technology LTC3865 Datasheet HTML 2Page - Linear Technology LTC3865 Datasheet HTML 3Page - Linear Technology LTC3865 Datasheet HTML 4Page - Linear Technology LTC3865 Datasheet HTML 5Page - Linear Technology LTC3865 Datasheet HTML 6Page - Linear Technology LTC3865 Datasheet HTML 7Page - Linear Technology LTC3865 Datasheet HTML 8Page - Linear Technology LTC3865 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3865/LTC3865-1

3865f
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3865EUH#PBF
LTC3865EUH#TRPBF
3865
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC3865EUH-1#PBF
LTC3865EUH-1#TRPBF
38651
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC3865IUH#PBF
LTC3865IUH#TRPBF
3865
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3865IUH-1#PBF
LTC3865IUH-1#TRPBF
38651
32-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3865EFE#PBF
LTC3865EFE#TRPBF
LTC3865FE
38-Lead Plastic TSSOP
–40°C to 85°C
LTC3865IFE#PBF
LTC3865IFE#TRPBF
LTC3865FE
38-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
LTC3865-1
32 31 30 29 28 27 26 25
9 10 11 12
TOP VIEW
33
SGND
UH PACKAGE
32-LEAD (5mm 5mm) PLASTIC QFN
13 14 15 16
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
VOSENSE1
TK/SS1
ITH1
VID11
VID12
ITH2
TK/SS2
VOSENSE2
BOOST1
BG1
VIN
INTVCC
EXTVCC
BG2
PGND
BOOST2
TJMAX = 125°C, θJA = 34°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 33) IS SGND, MUST BE SOLDERED TO PCB


Similar Part No. - LTC3865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
More results

Similar Description - LTC3865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3865-1 LINER-LTC3865-1_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3865 LINER-LTC3865_15 Datasheet
410Kb / 38P
   Dual, 2-Phase Synchronous DC/DC Controller with Pin Selectable Outputs
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3802 LINER-LTC3802 Datasheet
346Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
logo
Linear Technology
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-3 LINER-LTC3890-3_15 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3890-1 LINER-LTC3890-1_15 Datasheet
882Kb / 36P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com