Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3860EUHPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3860EUHPBF
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860EUHPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3860EUHPBF Datasheet HTML 1Page - Linear Technology LTC3860EUHPBF Datasheet HTML 2Page - Linear Technology LTC3860EUHPBF Datasheet HTML 3Page - Linear Technology LTC3860EUHPBF Datasheet HTML 4Page - Linear Technology LTC3860EUHPBF Datasheet HTML 5Page - Linear Technology LTC3860EUHPBF Datasheet HTML 6Page - Linear Technology LTC3860EUHPBF Datasheet HTML 7Page - Linear Technology LTC3860EUHPBF Datasheet HTML 8Page - Linear Technology LTC3860EUHPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3860

3860f
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. VCC = 5V, VRUN1,2 = 5V, VFREQ = VCLKIN = 0V, VFB = 0.6V, fOSC = 0.6MHz
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCLKIN(LO)
CLKIN Pulse Width Low
VCLKIN = 0V to 5V
100
ns
RCLKIN
CLKIN Pull-Up Resistance
13
VCLKIN
CLKIN Input Threshold
VCLKIN Falling
VCLKIN Rising
1.2
2
V
V
VFREQ
FREQ Input Threshold
VCLKIN = 0V
VFREQ Falling
VFREQ Rising
1.5
2.5
V
V
VOL(CLKOUT)
CLKOUT Low Output Voltage
ILOAD = –500µA
0.2
V
VOH(CLKOUT)
CLKOUT High Output Voltage
ILOAD = 500µA
VCC – 0.2
V
θ21
Channel 1-to-Channel 2 Phase Relationship VPHSMD = 0V
VPHSMD = Float
VPHSMD = VCC
180
180
120
Deg
Deg
Deg
θCLKOUT1
CLKOUT-to-Channel 1 Phase Relationship
VPHSMD = 0V
VPHSMD = Float
VPHSMD = VCC
60
90
240
Deg
Deg
Deg
PWM/PWMEN Outputs
PWM
PWM Output High Voltage
ILOAD = 500µA
l
4.5
V
PWM Output Low Voltage
ILOAD = –500µA
l
0.5
V
PWM Output Current in Hi-Z State
±5
µA
PWM Maximum Duty Cycle
91.5
%
PWMEN
PWMEN Output High Voltage
ILOAD = 1mA
l
4.5
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA)
Note 3: The LTC3860E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3860I is guaranteed
over the full –40°C to 125°C operating junction temperature range. The
maximum ambient temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistors and other environmental factors.
Typical perFormance characTerisTics
Load Step Transient Response
(Single Phase)
Load Step Transient Response
(2-Phase)
50µs/DIV
3860 G01
VIN = 12V
VOUT = 1.2V
ILOAD STEP = 10A
COMP VALUES:
R2A = 6.8k, C1A = 470pF, C2A = 100pF
VOUT
50mV/DIV
ILOAD
10A/DIV
IL
10A/DIV
Load Step Transient Response
(2-Phase)
VOUT
50mV/DIV
50µs/DIV
3860 G02
VIN = 12V
VOUT = 1.8V
ILOAD STEP = 10A
IL1
5A/DIV
ILOAD
10A/DIV
IL2
5A/DIV
VOUT
50mV/DIV
50µs/DIV
3860 G03
VIN = 12V
VOUT = 1.2V
ILOAD STEP = 10A
IL1
5A/DIV
ILOAD
10A/DIV
IL2
5A/DIV


Similar Part No. - LTC3860EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3860 LINER-LTC3860 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3860 LINER-LTC3860 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3860 LINER-LTC3860 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3860 LINER-LTC3860 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3860 LINER-LTC3860 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3860EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3860 LINER-LTC3860_15 Datasheet
446Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
Analog Devices
LTC7851 AD-LTC7851 Datasheet
4Mb / 38P
   Quad Output, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com