Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3860EUHPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3860EUHPBF
Description  Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3860EUHPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3860EUHPBF Datasheet HTML 6Page - Linear Technology LTC3860EUHPBF Datasheet HTML 7Page - Linear Technology LTC3860EUHPBF Datasheet HTML 8Page - Linear Technology LTC3860EUHPBF Datasheet HTML 9Page - Linear Technology LTC3860EUHPBF Datasheet HTML 10Page - Linear Technology LTC3860EUHPBF Datasheet HTML 11Page - Linear Technology LTC3860EUHPBF Datasheet HTML 12Page - Linear Technology LTC3860EUHPBF Datasheet HTML 13Page - Linear Technology LTC3860EUHPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
LTC3860
0
3860f
operaTion (Refer to Functional Diagram)
Main Control Architecture
The LTC3860 is a dual-channel/dual-phase, constant
frequency, voltage mode controller for DC/DC step-down
applications. It is designed to be used in a synchronous
switching architecture with external integrated-driver
MOSFETs or external drivers and N-channel MOSFETs
using single wire three-state PWM interfaces. The control-
ler allows the use of sense resistors or lossless inductor
DCR current sensing to maintain current balance between
phasesandtoprovideovercurrentprotection.Theoperating
frequencyisselectablefrom250kHzto1.25MHz.Tomulit-
plytheeffectiveswitchingfrequency,multiphaseoperation
can be extended to 3, 4, 6, or 12 phases by paralleling up
to 6 controllers. In single or 3-phase operation, the 2nd
or 4th channel can be used as an independent output.
The output of the differential amplifier is connected to
the error amplifier inverting input (FB) through a resistor
divider. The remote sense differential amplifier output
(VSNSOUT)providesasignalequaltothedifferentialvoltage
(VSNSP – VSNSN) sensed across the output capacitor, but
re-referenced to the local ground (SGND). This permits
accurate voltage sensing at the load, without regard to
the potential difference between its ground and local
ground.
In the main voltage mode control loop, the error ampli-
fier output (COMP) directly controls the converter duty
cycle in order to drive the FB pin to 0.6V in steady state.
Dynamic changes in output load current can perturb the
output voltage. When the output is below regulation,
COMP rises, increasing the duty cycle. If the output rises
above regulation, COMP will decrease, decreasing the
duty cycle. As the output approaches regulation, COMP
will settle to the steady-state value representing the step-
down conversion ratio.
Innormaloperation,thePWMlatchissethighatthebegin-
ning of the clock cycle (assuming COMP > 0.5V). When
the (line feedforward compensated) PWM ramp exceeds
the COMP voltage, the comparator trips and resets the
PWM latch. If COMP is less than 0.5V at the beginning
of the clock cycle, as in the case of an overvoltage at the
outputs, the PWM pin remains low throughout the entire
cycle. When the PWM pin goes high it has a minimum
on-time of approximately 20ns and a minimum off-time
of approximately 1/12th the switching period.
Current Sharing
Inmultiphaseoperation,theLTC3860alsoincorporatesan
auxiliarycurrentsharingloop.Inductorcurrentissampled
each cycle. Each phase’s current sense amplifier output is
averaged at the IAVGpin.Asmallcapacitorconnectedfrom
IAVGtoGND(typically100pF)storesavoltagecorrespond-
ing to the instantaneous average current of all phases.
Each phase integrates the difference between its current
and the average. Within each phase the integrator output
is proportionally summed with the system error amplifier
voltage(COMP),adjustingthatphase’sdutycycletoequal-
izethecurrents. WhenmultipleICsaredaisy-chainedthe
IAVG pins must be connected together. When the phases
are operated independently, the IAVG pin should be tied
to ground. Figure 1 shows a transient load step with 50%
inductor mismatch in a 2-phase system.
Figure 1
VOUT(AC)
100mV/DIV
50µs/DIV
3860 G05
VIN = 12V
VOUT = 1.2V
ILOAD = 0A TO 25A
IL1 = 320nH
10A/DIV
ILOAD
20A/DIV
IL2 = 220nH
10A/DIV


Similar Part No. - LTC3860EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3860 LINER-LTC3860 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3860 LINER-LTC3860 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3860 LINER-LTC3860 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3860 LINER-LTC3860 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3860 LINER-LTC3860 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3860EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3860 LINER-LTC3860_15 Datasheet
446Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
Analog Devices
LTC7851 AD-LTC7851 Datasheet
4Mb / 38P
   Quad Output, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com