Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3857IUHPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3857IUHPBF
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857IUHPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3857IUHPBF Datasheet HTML 3Page - Linear Technology LTC3857IUHPBF Datasheet HTML 4Page - Linear Technology LTC3857IUHPBF Datasheet HTML 5Page - Linear Technology LTC3857IUHPBF Datasheet HTML 6Page - Linear Technology LTC3857IUHPBF Datasheet HTML 7Page - Linear Technology LTC3857IUHPBF Datasheet HTML 8Page - Linear Technology LTC3857IUHPBF Datasheet HTML 9Page - Linear Technology LTC3857IUHPBF Datasheet HTML 10Page - Linear Technology LTC3857IUHPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTC3857

3857fa
Typical perForMance characTerisTics
TRACK/SS Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
SENSEPin Input Current
vs Temperature
Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
Oscillator Frequency
vs Input Voltage
Shutdown Current vs Temperature
TEMPERATURE (°C)
–45
0.90
0.95
1.00
1.05
1.10
–20
5
30
55
3857 G19
80
105 130
TEMPERATURE (°C)
–45
1.30
1.35
1.40
30
80
3857 G20
1.25
1.20
–20
5
55
105
130
1.15
1.10
RUN RISING
RUN FALLING
TEMPERATURE (°C)
–45
806
30
3857 G21
800
796
–20
5
55
794
792
800
804
802
798
80
105 130
TEMPERATURE (°C)
–45
–600
–500
–550
–400
–450
–300
–350
50
–50
–20
30
55
130
3857 G22
0
–150
–100
–200
–250
5
80
105
VOUT < INTVCC – 0.5V
VOUT > INTVCC – 0.5V
INPUT VOLTAGE (V)
5
20
25
30
20
30
3857 G23
15
10
10
15
25
35
40
5
0
TEMPERATURE (°C)
–45
500
550
600
30
80
3857 G24
450
400
–20
5
55
105
130
350
300
FREQ = GND
FREQ = INTVCC
TEMPERATURE (°C)
–45
3.4
3.5
3.7
3.8
3.9
4.4
4.1
5
55
80
3857 G25
3.6
4.2
4.3
4.0
–20
30
105 130
INPUT VOLTAGE (V)
5
352
354
356
20
30
3857 G26
350
348
10
15
25
35
40
346
344
FREQ = GND
TEMPERATURE (°C)
–45
18
30
3857 G27
12
8
–20
5
55
6
4
20
16
14
10
80
105 130


Similar Part No. - LTC3857IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3857IGN-1 LINER-LTC3857IGN-1 Datasheet
520Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857IGN-1PBF LINER-LTC3857IGN-1PBF Datasheet
520Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857IGN-1TRPBF LINER-LTC3857IGN-1TRPBF Datasheet
520Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3857IUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com