Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3857EUHPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3857EUHPBF
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3857EUHPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3857EUHPBF Datasheet HTML 4Page - Linear Technology LTC3857EUHPBF Datasheet HTML 5Page - Linear Technology LTC3857EUHPBF Datasheet HTML 6Page - Linear Technology LTC3857EUHPBF Datasheet HTML 7Page - Linear Technology LTC3857EUHPBF Datasheet HTML 8Page - Linear Technology LTC3857EUHPBF Datasheet HTML 9Page - Linear Technology LTC3857EUHPBF Datasheet HTML 10Page - Linear Technology LTC3857EUHPBF Datasheet HTML 11Page - Linear Technology LTC3857EUHPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTC3857

3857fa
pin FuncTions
SENSE1, SENSE2(Pin 1, Pin 9):The(–)Inputtothe
Differential Current Comparators. When greater than
INTVCC–0.5V,theSENSEpinsuppliescurrenttothe
currentcomparator.
FREQ (Pin 2):Thefrequencycontrolpinfortheinternal
VCO.ConnectingthepintoGNDforcestheVCOtoafixed
lowfrequencyof350kHz.ConnectingthepintoINTVCC
forces the VCO to a fixed high frequency of 535kHz.
Other frequencies between 50kHz and 900kHz can be
programmedusingaresistorbetweenFREQandGND.
Aninternal20µApull-upcurrentdevelopsthevoltageto
beusedbytheVCOtocontrolthefrequency
PHASMD (Pin 3):ControlInputtoPhaseSelectorwhich
determines the phase relationships between control-
ler1, controller 2 and the CLKOUT signal. Pulling this
pintogroundforcesTG2andCLKOUTtobeoutofphase
180°and60°withrespecttoTG1.Connectingthispinto
INTVCCforcesTG2andCLKOUTtobeoutofphase240°
and120°withrespecttoTG1.FloatingthispinforcesTG2
andCLKOUTtobeoutofphase180°and90°withrespect
toTG1.RefertoTable1.
CLKOUT (Pin 4):Outputclocksignalavailabletodaisy-
chainothercontrollerICsforadditionalMOSFETdriver
stages/phases.TheoutputlevelsswingfromINTVCCto
ground.
PLLIN/MODE (Pin 5):ExternalSynchronizationInputto
PhaseDetectorandForcedContinuousModeInput.When
anexternalclockisappliedtothispin,thephase-locked
loopwillforcetherisingTG1signaltobesynchronized
with the rising edge of the external clock. When not
synchronizingtoanexternalclock,thisinput,whichacts
onbothcontrollers,determineshowtheLTC3857operates
at light loads. Pulling this pin to ground selects Burst
Modeoperation.Aninternal100kresistortogroundalso
invokesBurstModeoperationwhenthepinisfloated.
TyingthispintoINTVCCforcescontinuousinductorcurrent
operation.Tyingthispintoavoltagegreaterthan1.2Vand
lessthanINTVCC–1.3Vselectspulse-skippingoperation.
Thiscanbedonebyaddinga100kresistorbetweenthe
PLLIN/MODEpinandINTVCC.
SGND (Pin 6, Exposed Pad Pin 33):Small-signalground
commontobothcontrollers,mustberoutedseparately
fromhighcurrentgroundstothecommon(–)terminals
oftheCINcapacitors.Theexposedpadmustbesoldered
tothePCBforratedthermalperformance.
RUN1, RUN2 (Pin 7, Pin 8):DigitalRunControlInputsfor
EachController.Forcingeitherofthesepinsbelow1.26V
shutsdownthatcontroller.Forcingbothofthesepinsbelow
0.7VshutsdowntheentireLTC3857,reducingquiescent
currenttoapproximately8µA.Donotfloatthesepins.
INTVCC(Pin19):OutputoftheInternalLinearLowDropout
Regulator. The driver and control circuits are powered
fromthisvoltagesource.Mustbedecoupledtopower
groundwithaminimumof4.7µFceramicorotherlow
ESRcapacitor.DonotusetheINTVCCpinforanyother
purpose.
EXTVCC (Pin 20):ExternalPowerInputtoanInternalLDO
ConnectedtoINTVCC.ThisLDOsuppliesINTVCCpower,
bypassingtheinternalLDOpoweredfromVINwhenever
EXTVCCishigherthan4.7V.SeeEXTVCCConnectionin
theApplicationsInformationsection.Donotexceed14V
onthispin.
PGND (Pin 21):DriverPowerGround.Connectstothe
sourcesofbottom(synchronous)N-channelMOSFETs
andthe(–)terminal(s)ofCIN.
VIN (Pin 22):MainSupplyPin.Abypasscapacitorshould
betiedbetweenthispinandthesignalgroundpin.
BG1, BG2 (Pin 23, Pin 18): High Current Gate Drives
forBottom(Synchronous)N-ChannelMOSFETs.Voltage
swingatthesepinsisfromgroundtoINTVCC.
BOOST1,BOOST2(Pin24,Pin17):BootstrappedSupplies
totheTopsideFloatingDrivers.Capacitorsareconnected
betweentheBOOSTandSWpinsandSchottkydiodesare
tiedbetweentheBOOSTandINTVCCpins.Voltageswing
attheBOOSTpinsisfromINTVCCto(VIN+INTVCC).
SW1, SW2 (Pin 25, Pin 16):SwitchNodeConnections
toInductors.


Similar Part No. - LTC3857EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3857EGN-1 LINER-LTC3857EGN-1 Datasheet
520Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857EGN-1PBF LINER-LTC3857EGN-1PBF Datasheet
520Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857EGN-1TRPBF LINER-LTC3857EGN-1TRPBF Datasheet
520Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3857EUHPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com