Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3633EUFD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3633EUFD
Description  Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3633EUFD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3633EUFD Datasheet HTML 4Page - Linear Technology LTC3633EUFD Datasheet HTML 5Page - Linear Technology LTC3633EUFD Datasheet HTML 6Page - Linear Technology LTC3633EUFD Datasheet HTML 7Page - Linear Technology LTC3633EUFD Datasheet HTML 8Page - Linear Technology LTC3633EUFD Datasheet HTML 9Page - Linear Technology LTC3633EUFD Datasheet HTML 10Page - Linear Technology LTC3633EUFD Datasheet HTML 11Page - Linear Technology LTC3633EUFD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3633
8
3633f
PIN FUNCTIONS
PGOOD1 (Pin 1/Pin 4): Channel 1 Open-Drain Power
Good Output Pin. PGOOD1 is pulled to ground when the
voltage on the VFB1 pin is not within ±8% (typical) of the
internal 0.6V reference. PGOOD1 becomes high imped-
ance once the VFB1 pin returns to within ±5% (typical) of
the internal reference.
PHMODE (Pin 2/Pin 5): Phase Select Input. Tie this pin
to ground to force both channels to switch in phase. Tie
this pin to INTVCC to force both channels to switch 180°
out of phase. Do not float this pin.
RUN1 (Pin 3/Pin 6): Channel 1 Regulator Enable Pin.
Enables channel 1 operation by tying RUN above 1.22V.
Tying it below 1V places the part into shutdown. Do not
float this pin.
MODE/SYNC (Pin 4/Pin 7): Mode Select and External
Synchronization Input. Tie this pin to ground to force
continuous synchronous operation at all output loads.
Floating this pin or tying it to INTVCC enables high efficiency
Burst Mode operation at light loads. Drive this pin with a
clock to synchronize the LTC3633 switching. An internal
phase-locked loop will force the bottom power NMOS’s
turn on signal to be synchronized with the rising edge of
the CLKIN signal. When this pin is driven with a clock,
forced continuous mode is automatically selected.
RT (Pin 5/Pin 8): Oscillator Frequency Program Pin.
Connect an external resistor (between 80k to 640k) from
this pin to SGND in order to program the frequency from
500kHz to 4MHz. When RT is tied to INTVCC, the switching
frequency will default to 2MHz.
RUN2 (Pin 6/Pin 9): Channel 2 Regulator Enable Pin.
Enables channel 2 operation by tying RUN above 1.22V.
Tying it below 1V places the part into shutdown. Do not
float this pin.
SGND (Pin 7/Pin 10): Signal Ground Pin. This pin should
have a low noise connection to reference ground. The
feedback resistor network, external compensation network,
and RT resistor should be connected to this ground.
PGOOD2 (Pin 8/Pin 11): Channel 2 Open-Drain Power
Good Output Pin. PGOOD2 is pulled to ground when the
voltage on the VFB2 pin is not within 8% (typical) of the
internal 0.6V reference. PGOOD2 becomes high imped-
ance once the VFB2 pin returns to within ±5% (typical) of
the internal reference.
VFB2 (Pin 9/Pin 12): Channel 2 Output Feedback Voltage
Pin. Input to the error amplifier that compares the feedback
voltage to the internal 0.6V reference voltage. Connect this
pin to a resistor divider network to program the desired
output voltage.
TRACKSS2 (Pin 10/Pin 13): Output Tracking and Soft-Start
Input Pin for Channel 2. Forcing a voltage below 0.6V on
this pin bypasses the internal reference input to the error
amplifier. The LTC3633 will servo the FB pin to the TRACK
voltage under this condition. Above 0.6V, the tracking func-
tion stops and the internal reference resumes control of
the error amplifier. An internal 1.4μA pull up current from
INTVCC allows a soft start function to be implemented by
connecting a capacitor between this pin and SGND.
ITH2 (Pin 11/Pin 14): Channel 2 Error Amplifier Output
and Switching Regulator Compensation Pin. Connect this
pin to appropriate external components to compensate
the regulator loop frequency response. Connect this pin
to INTVCC to use the default internal compensation.
VON2 (Pin 12/Pin 15): On-Time Voltage Input for Chan-
nel 2. This pin sets the voltage trip point for the on-time
comparator. Tying this pin to the output voltage makes
the on-time proportional to VOUT2 when VOUT2 < 6V. When
VOUT2 > 6V, switching frequency may become higher
than the set frequency. The pin impedance is nominally
180kΩ.
SW2 (Pins 13, 14/Pins 16, 17): Channel 2 Switch Node
Connection to External Inductor. Voltage swing of SW is
from a diode voltage drop below ground to VIN.
VIN2 (Pins 15, 16/Pins 18, 19): Power Supply Input for
Channel 2. Input voltage to the on chip power MOSFETs
on channel 2. This input is capable of operating from a
different supply voltage than VIN1.
BOOST2 (Pin 17/Pin 20): Boosted Floating Driver Supply
for Channel 2. The (+) terminal of the bootstrap capacitor
connects to this pin while the (–) terminal connects to
the SW pin. The normal operation voltage swing of this
pin ranges from a diode voltage drop below INTVCC up
to VIN+INTVCC.
(QFN/TSSOP)


Similar Part No. - LTC3633EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633 LINER-LTC3633 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3633 LINER-LTC3633 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
More results

Similar Description - LTC3633EUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633A-1 LINER-LTC3633A-1_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-3 LINER-LTC3633A-3_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A_15 Datasheet
412Kb / 30P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A-2 LINER-LTC3633A-2_15 Datasheet
419Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633AEFE-3 LINER-LTC3633AEFE-3 Datasheet
542Kb / 8P
   DUAL CHANNEL 3A 20V MONOLITHIC SYNCHRONOUS STEP-DOWN REGULATOR
LTC3633A-2 LINER-LTC3633A-2 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3633A LINER-LTC3633A Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com