Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3604IUDPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3604IUDPBF
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604IUDPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3604IUDPBF Datasheet HTML 1Page - Linear Technology LTC3604IUDPBF Datasheet HTML 2Page - Linear Technology LTC3604IUDPBF Datasheet HTML 3Page - Linear Technology LTC3604IUDPBF Datasheet HTML 4Page - Linear Technology LTC3604IUDPBF Datasheet HTML 5Page - Linear Technology LTC3604IUDPBF Datasheet HTML 6Page - Linear Technology LTC3604IUDPBF Datasheet HTML 7Page - Linear Technology LTC3604IUDPBF Datasheet HTML 8Page - Linear Technology LTC3604IUDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3604
3
3604f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VVIN
Input Supply Range
l
3.6
15
V
IQ
Input DC Supply Current
Forced Continuous Operation
Sleep Current
Shutdown
MODE = 0V
MODE = INTVCC, VFB > 0.6V
RUN = 0V
700
300
14
1000
500
25
μA
μA
μA
VFB
Feedback Reference Voltage
l
0.594
0.600
0.606
V
ΔVLINEREG Reference Voltage Line Regulation
VVIN = 3.6V to 15V
0.01
%/V
ΔVLOADREG Output Voltage Load Regulation
ITH = 0.6V to 1.6V
0.1
%
IFB
Feedback Pin Input Current
VFB = 0.6V
±30
nA
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V
2.0
mS
tON(MIN)
Minimum On-Time
VON = 1V, VIN = 4V
20
ns
tOFF(MIN)
Minimum Off-Time
VIN = 6V
40
60
ns
ILIM
Valley Switch Current Limit
2.6
3.4
4.3
A
fOSC
Oscillator Frequency
VRT = INTVCC
RRT = 160k
RRT = 80k
1.4
1.7
3.4
2
2
4
2.6
2.3
4.6
MHz
MHz
MHz
RDS(ON)
Top Switch On-Resistance
130
Bottom Switch On-Resistance
100
VVIN(OV)
VIN Overvoltage Lockout Threshold
VIN Rising
VIN Falling
l
l
16.8
15.8
17.5
16.5
18
17
V
V
VINTVCC
INTVCC Voltage
3.6V < VIN < 15V
3.13
3.3
3.45
V
ΔINTVCC
INTVCC Load Regulation (Note 4)
IINTVCC = 0mA to 20mA
0.6
%
VUVLO
INTVCC Undervoltage Lockout
Threshold
INTVCC Rising, VIN = INTVCC
INTVCC Falling, VIN = INTVCC
2.75
2.45
2.9
V
V
VRUN
RUN Threshold
RUN Rising
RUN Falling
l
l
1.21
0.97
1.25
1.0
1.29
1.03
V
V
IRUN(LKG)
RUN Leakage Current
VVIN = 15V
0
±3
μA
VFB_GB
PGOOD Good-to-Bad Threshold
FB Rising
FB Falling
8
–8
10
–10
%
%
VFB_BG
PGOOD Bad-to-Good Threshold
FB Rising
FB Falling
–3
3
–5
5
%
%
tPGOOD
Power Good Filter Time
20
40
μs
RPGOOD
PGOOD Pull-Down Resistance
10mA Load
15
Ω
ISW(LKG)
Switch Leakage Current
VRUN = 0V
0.01
1
μA
tSS
Internal Soft-Start Time
VFB from 10% to 90% Full Scale
400
700
μs
VFB_TRACK
TRACK Pin
TRACK = 0.3V
0.28
0.3
0.315
mV
ITRACK
TRACK Pull-Up Current
1.4
μA
VMODE/SYNC MODE Threshold Voltage
MODE VIH
MODE VIL
l
l
1.0
0.4
V
V
SYNC Threshold Voltage
SYNC VIH
l
0.95
V
IMODE
MODE Input Current
MODE = 0V
MODE = INTVCC
–1.5
1.5
μA
μA
The
l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VVIN = 12V, unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3604E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization, and
correlation with statistical process controls. The LTC3604I is guaranteed
over the full –40°C to 125°C operating junction temperature range. The
maximum ambient temperature is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
resistance and other environmental factors.


Similar Part No. - LTC3604IUDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3604 LINER-LTC3604 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3604 LINER-LTC3604 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LTC3604 AD-LTC3604 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3604IUDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
238Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602EUF LINER-LTC3602EUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com