Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3060MPTS8TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3060MPTS8TRPBF
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060MPTS8TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3060MPTS8TRPBF Datasheet HTML 7Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 8Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 9Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 10Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 11Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 12Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 13Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 14Page - Linear Technology LT3060MPTS8TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3060
11
3060f
TheLT3060isamicropower,lownoise,lowdropoutvoltage,
100mA linear regulator with micropower shutdown. The
device supplies up to 100mA at a typical dropout voltage
of 300mV and operates over a 1.6V to 45V input range.
A single external capacitor can provide programmable
low noise reference performance and output soft-start
functionality. For example, connecting a 10nF capacitor
from the REF/BYP pin to GND lowers output noise to
30μVRMS over a 10Hz to 100kHz bandwidth. This capacitor
also soft-starts the reference and prevents output voltage
overshoot at turn-on.
The LT3060’s quiescent current is merely 40μA but provides
fast transient response with a minimum low ESR 2.2μF
ceramic output capacitor. In shutdown, quiescent current
is less than 1μA and the reference soft-start capacitor is
reset.
The LT3060 optimizes stability and transient response
with low ESR, ceramic output capacitors. The regulator
does not require the addition of ESR as is common with
other regulators. The LT3060 typically provides 0.1% line
regulation and 0.03% load regulation.
Internal protection circuitry includes reverse-battery
protection, reverse-output protection, reverse-current
protection, current limit with foldback and thermal
shutdown.
This “bullet-proof” protection set makes it ideal for use in
battery-powered systems. In battery backup applications
where the output is held up by a backup battery and the
input is pulled to ground, the LT3060 acts like it has a
diode in series with its output and prevents reverse current
flow. Additionally, in dual supply applications where the
regulator load is returned to a negative supply, the output
can be pulled below ground by as much as 45V and the
device still starts normally and operates.
Adjustable Operation
TheLT3060hasanoutputvoltagerangeof0.6Vto44.5V.The
output voltage is set by the ratio of two external resistors,
as shown in Figure 1. The device servos the output to
maintain the ADJ pin voltage at 0.6V referenced to ground.
The current in R1 is then equal to 0.6V/R1, and the current
in R2 is the current in R1 minus the ADJ pin bias current.
APPLICATIONS INFORMATION
3060 F01
IN
SHDN
OUT
ADJ
GND REF/BYP
LT3060
VIN
VOUT
R2
R1
Figure 1. Adjustable Operation
VV
R
R
IR
VV
I
OUT
ADJ
ADJ
AD
=+
()
=
06
1
2
1
2
06
.–
.
JJ
nA at
C
OUTPUT RANGE
V to
V
=
=
15
25
0 6
44 5
º
..
The ADJ pin bias current, 15nA at 25˚C, flows from the
ADJ pin through R1 to GND. Calculate the output voltage
using the formula in Figure 1. The value of R1 should be no
greater than 124k to provide a minimum 5μA load current
so that errors in the output voltage, caused by the ADJ
pin bias current, are minimized. Note that in shutdown,
the output is turned off and the divider current is zero.
Curves of ADJ Pin Voltage vs Temperature and ADJ Pin Bias
Current vs Temperature appear in the Typical Performance
Characteristics Section.
The LT3060 is tested and specified with the ADJ pin tied
to the OUT pin, yielding VOUT = 0.6V. Specifications for
output voltages greater than 0.6V are proportional to the
ratio of the desired output voltage to 0.6V:VOUT/0.6V. For
example, load regulation for an output current change
of 1mA to 100mA is 0.2mV (typical) at VOUT = 0.6V. At
VOUT = 12V, load regulation is:
12
06
02
4
V
V
mV
mV
.
(.
)
•=
Table 1 shows 1% resistor divider values for some common
output voltages with a resistor divider current of 5μA.
Table 1. Output Voltage Resistor Divider Values
VOUT
(V)
R1
(k Ω)
R2
(k Ω)
1.2
118
118
1.5
121
182
1.8
124
249
2.5
115
365
3
124
499
3.3
124
562
5
115
845


Similar Part No. - LT3060MPTS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060MPTS8 LINER-LT3060MPTS8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060MPTS8-1.2 LINER-LT3060MPTS8-1.2 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060MPTS8-1.5 LINER-LT3060MPTS8-1.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060MPTS8-1.8 LINER-LT3060MPTS8-1.8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060MPTS8-2.5 LINER-LT3060MPTS8-2.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT3060MPTS8TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3061 LINER-LT3061_15 Datasheet
662Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA LDO with Output Discharge
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3062 LINER-LT3062_15 Datasheet
581Kb / 20P
   45V VIN, Micropower, Low Noise, 200mA LDO
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com