Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F100R4H7B Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F100R4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100R4H7B Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F100R4H7B Datasheet HTML 71Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 72Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 73Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 74Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 75Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 76Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 77Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 78Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
Package characteristics
Doc ID 16455 Rev 2
75/84
Figure 38.
LQFP64 – 10 x 10 mm, 64 pin low-profile quad
flat package outline(1)
Figure 39.
Recommended
footprint(1)(2)
1.
Drawing is not to scale.
2.
Dimensions are in millimeters.
5W_ME
L
A1
K
L1
c
A
A2
ccc
C
D
D1
D3
E3 E1 E
32
33
48
49
b
64
1
Pin 1
identification
16
17
48
32
49
64
17
116
1.2
0.3
33
10.3
12.7
10.3
0.5
7.8
12.7
ai14909
Table 48.
LQFP64 – 10 x 10 mm, 64-pin low-profile quad flat package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15
0.0020
0.0059
A2
1.35
1.40
1.45
0.0531
0.0551
0.0571
b
0.17
0.22
0.27
0.0067
0.0087
0.0106
c
0.09
0.20
0.0035
0.0079
D
12.00
0.4724
D1
10.00
0.3937
E
12.00
0.4724
E1
10.00
0.3937
e
0.50
0.0197
3.5°
3.5°
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
1.00
0.0394
Number of pins
N64
1.
Values in inches are converted from mm and rounded to 4 decimal digits.


Similar Part No. - STM32F100R4H7B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
STM32F100RCT6BTR STMICROELECTRONICS-STM32F100RCT6BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100RCT7BTR STMICROELECTRONICS-STM32F100RCT7BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
More results

Similar Description - STM32F100R4H7B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com