Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32F100R4H7B Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F100R4H7B
Description  Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F100R4H7B Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F100R4H7B Datasheet HTML 66Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 67Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 68Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 69Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 70Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 71Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 72Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 73Page - STMicroelectronics STM32F100R4H7B Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Electrical characteristics
STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB
70/84
Doc ID 16455 Rev 2
5.3.17
DAC electrical specifications
Table 45.
DAC characteristics
Symbol
Parameter
Min
Typ
Max(1)
Unit
Comments
VDDA
Analog supply voltage
2.4
3.6
V
VREF+
Reference supply voltage
2.4
3.6
V
VREF+ must always be below
VDDA
VSSA
Ground
0
0
V
RLOAD
(2)
Resistive load with buffer ON
5
k
RO
(1)
Impedance output with buffer OFF
15
k
When the buffer is OFF, the
Minimum resistive load between
DAC_OUT and VSS to have a
1% accuracy is 1.5 M
CLOAD
(1)
Capacitive load
50
pF
Maximum capacitive load at
DAC_OUT pin (when the buffer
is ON).
DAC_OUT
min(1)
Lower DAC_OUT voltage with buffer
ON
0.2
V
It gives the maximum output
excursion of the DAC.
It corresponds to 12-bit input
code (0x0E0) to (0xF1C) at
VREF+ = 3.6 V and (0x155) and
(0xEAB) at VREF+ = 2.4 V
DAC_OUT
max(1)
Higher DAC_OUT voltage with buffer
ON
VDDA
0.2
V
DAC_OUT
min(1)
Lower DAC_OUT voltage with buffer
OFF
0.5
mV
It gives the maximum output
excursion of the DAC.
DAC_OUT
max(1)
Higher DAC_OUT voltage with buffer
OFF
VREF+
– 1LSB
V
IDDVREF+
DAC DC current consumption in
quiescent mode (Standby mode)
220
µA
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on the
inputs
IDDA
DAC DC current consumption in
quiescent mode (Standby mode)
380
µA
With no load, middle code
(0x800) on the inputs
480
µA
With no load, worst code
(0xF1C) at VREF+ = 3.6 V in
terms of DC consumption on the
inputs
DNL(3)
Differential non linearity Difference
between two consecutive code-1LSB)
±0.5
LSB
Given for the DAC in 10-bit
configuration
±2
LSB
Given for the DAC in 12-bit
configuration
INL(3)
Integral non linearity (difference
between measured value at Code i
and the value at Code i on a line
drawn between Code 0 and last Code
1023)
±1
LSB
Given for the DAC in 10-bit
configuration
±4
LSB
Given for the DAC in 12-bit
configuration


Similar Part No. - STM32F100R4H7B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
STM32F100RCT6BTR STMICROELECTRONICS-STM32F100RCT6BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F100RCT7BTR STMICROELECTRONICS-STM32F100RCT7BTR Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
More results

Similar Description - STM32F100R4H7B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
   High-density value line, advanced ARM-based 32-bit MCU
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
   Low- and medium-density advanced ARM??based 32-bit MCU
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
   Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
August 2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
   High-density access line, ARM-based 32-bit MCU
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
   High-density performance line ARM-based 32-bit MCU
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
   XL-density performance line ARM-based 32-bit MCU
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
   Connectivity line, ARM-based 32-bit MCU
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com