Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3604IUD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3604IUD
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3604IUD Datasheet(HTML) 4 Page - Linear Technology

  LTC3604IUD Datasheet HTML 1Page - Linear Technology LTC3604IUD Datasheet HTML 2Page - Linear Technology LTC3604IUD Datasheet HTML 3Page - Linear Technology LTC3604IUD Datasheet HTML 4Page - Linear Technology LTC3604IUD Datasheet HTML 5Page - Linear Technology LTC3604IUD Datasheet HTML 6Page - Linear Technology LTC3604IUD Datasheet HTML 7Page - Linear Technology LTC3604IUD Datasheet HTML 8Page - Linear Technology LTC3604IUD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3604
4
3604f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Burst Mode Operation
Efficiency vs Load Current
Forced Continuous Mode
Efficiency vs Frequency
Forced Continuous Mode
Reference Voltage vs
Temperature
ELECTRICAL CHARACTERISTICS
Note 3: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the following formula:
TJ = TA + (PD • θJA)
where
θJA = 45°C/W for the QFN package and θJA = 38°C/W for the MSOP
package.
Note 4: Maximum allowed current draw when used as a regulated output
is 5mA. This supply is only intended to provide additional DC load current
as needed and not intended to regulate large transient or ac behavior as
these waveforms may impact LTC3604 operation.
Efficiency vs Input Voltage
Burst Mode Operation
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Efficiency vs Load Current
TA = 25°C, VIN = 12V, fO = 1MHz, L = 1.5μH unless otherwise noted.
TEMPERATURE (°C)
–50
–25
0.595
0.599
0.605
0
50
75
3604 G06
0.597
0.603
0.601
25
100
125
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3604 G01
0
0.01
VIN = 4V
VIN = 8V
VIN = 12V
VOUT = 1.8V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3604 G02
0
0.01
VIN = 4V
VIN = 8V
VIN = 12V
VOUT = 1.8V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3604 G03
0
0.01
VOUT = 3.3V
VOUT = 5V
BURST
FORCED
CONTINUOUS
INPUT VOLTAGE (V)
4
75
80
85
10
14
3604 G04
70
65
60
68
12
90
95
100
16
ILOAD = 500mA
ILOAD = 100mA
ILOAD = 10mA
ILOAD = 2.5A
FREQUENCY (MHz)
0.5
82
84
86
88
90
92
94
1
1.5
2
2.5
3604 G05
3
VOUT = 1.8V
ILOAD = 800mA
L = 1.5μH
L = 0.68μH


Similar Part No. - LTC3604IUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3604 LINER-LTC3604 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3604 LINER-LTC3604 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
logo
Analog Devices
LTC3604 AD-LTC3604 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
logo
Linear Technology
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3604IUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
238Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602EUF LINER-LTC3602EUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com