Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3565IMSEPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3565IMSEPBF
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565IMSEPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3565IMSEPBF Datasheet HTML 1Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 2Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 3Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 4Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 5Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 6Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 7Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 8Page - Linear Technology LTC3565IMSEPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC3565

3565fa
Frequency Variation vs Input
Voltage
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
INPUT VOLTAGE (V)
6
4
2
0
–2
–4
–6
–8
3565 G10
2.5
4.0
5.0
5.5
3.0
3.5
4.5
INPUT VOLTAGE (V)
0.25
0.20
0.15
0.10
0.05
0.0
3565 G11
2.5
4.0
5.0
5.5
3.0
3.5
4.5
MAIN SWITCH
SYNCHRONOUS SWITCH
TEMPERATURE (°C)
0.30
0.25
0.20
0.15
0.10
0.05
0.0
3565 G12
–50
25
75
100 125
–25
0
50
MAIN SWITCH
SYNCHRONOUS SWITCH
typical perForMance characteristics T
J = 25°C, VIN = 3.6V, fO = 1MHz, unless
otherwise noted.
Dynamic Supply Current vs Input
Voltage
Dynamic Supply Current vs
Temperature
INPUT VOLTAGE (V)
0.001
3.0
3.5
4.0
4.5
5.0
5.5
2.5
0.1
100
3565 G13
0.01
1
10
FORCED CONTINUOUS
PULSE SKIP
Burst Mode
OPERATION
VOUT = 1.8V
ILOAD = 0A
TEMPERATURE (°C)
0.001
–25
0
25
50
75
100 125
–50
0.1
100
3565 G14
0.01
1
10
FORCED CONTINUOUS
PULSE SKIP
Burst Mode
OPERATION
VOUT = 1.8V
ILOAD = 0A
INPUT VOLTAGE (V)
2500
2000
1500
1000
500
0
3565 G15
0
3
5
6
1
2
4
SYNCHRONOUS SWITCH
MAIN SWITCH
Switch Leakage vs Input Voltage


Similar Part No. - LTC3565IMSEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3565IMSE-PBF LINER-LTC3565IMSE-PBF Datasheet
599Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565IMSE-TRPBF LINER-LTC3565IMSE-TRPBF Datasheet
599Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3565IMSEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565 Datasheet
599Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com