Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3060ETS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3060ETS8
Description  45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3060ETS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3060ETS8 Datasheet HTML 2Page - Linear Technology LT3060ETS8 Datasheet HTML 3Page - Linear Technology LT3060ETS8 Datasheet HTML 4Page - Linear Technology LT3060ETS8 Datasheet HTML 5Page - Linear Technology LT3060ETS8 Datasheet HTML 6Page - Linear Technology LT3060ETS8 Datasheet HTML 7Page - Linear Technology LT3060ETS8 Datasheet HTML 8Page - Linear Technology LT3060ETS8 Datasheet HTML 9Page - Linear Technology LT3060ETS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3060
6
3060f
Current Limit vs Temperature
Reverse Output Current
Reverse Output Current
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit vs VIN–VOUT
TEMPERATURE (°C)
–75
0
1.4
1.6
1.8
1.2
1.0
0.8
0.4
0.6
0.2
2.0
–50
75 100 125 150 175
–25 0
25
3060 G13
50
VSHDN = 45V
TEMPERATURE (°C)
–75
–50
20
30
40
10
0
–10
–30
–20
–40
50
–50
75 100 125 150 175
–25 0
25
3060 G14
50
INPUT/OUTPUT DIFFERENTIAL (V)
0
0
225
150
175
200
125
100
50
75
25
250
530
35
40
45
10
15
20
3060 G15
25
VOUT = – 5%
TJ = 25°C
TJ = 125°C
TJ = –50°C
TEMPERATURE (°C)
–75
0
175
200
225
150
125
100
50
75
25
250
–50
75 100 125 150 175
–25 0
25
3060 G16
50
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
0
0
1.4
1.6
1.8
1.2
1.0
0.8
0.4
0.6
0.2
2.0
530
35
40
45
10
15
20
3060 G17
25
ADJ
OUT
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUT PIN
VOUT = VADJ
TEMPERATURE (°C)
–75
0
35
40
45
30
25
20
10
15
5
50
–50
75 100 125 150 175
–25 0
25
3060 G18
50
VIN = 0V
VOUT = VADJ = 1.2V
ADJ
OUT
TYPICAL PERFORMANCE CHARACTERISTICS
GND Pin Current vs ILOAD
SHDN Pin Threshold
SHDN Pin Input Current
OUTPUT CURRENT (mA)
0
0
3.5
3.0
2.5
2.0
1.0
1.5
0.5
4.0
10
60 70 80 90 100
20 30 40
3060 G10
50
VIN = VOUT(NOMINAL) + 1V
TEMPERATURE (°C)
–75
0
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.6
0.5
0.4
0.2
0.3
0.1
1.5
–50
75 100 125 150 175
–25 0
25
3060 G11
50
ON TO OFF
OFF TO ON
SHDN PIN VOLTAGE (V)
0
0
1.4
1.6
1.8
1.2
1.0
0.8
0.4
0.6
0.2
2.0
530
35
40
45
10
15
20
3060 G12
25
TA = 25°C, unless otherwise noted.


Similar Part No. - LT3060ETS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060ETS8 LINER-LT3060ETS8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-1.2 LINER-LT3060ETS8-1.2 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-1.5 LINER-LT3060ETS8-1.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-1.8 LINER-LT3060ETS8-1.8 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060ETS8-2.5 LINER-LT3060ETS8-2.5 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT3060ETS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3061 LINER-LT3061_15 Datasheet
662Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA LDO with Output Discharge
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3062 LINER-LT3062_15 Datasheet
581Kb / 20P
   45V VIN, Micropower, Low Noise, 200mA LDO
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
   Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com