Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3127EDDPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3127EDDPBF
Description  1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3127EDDPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3127EDDPBF Datasheet HTML 5Page - Linear Technology LTC3127EDDPBF Datasheet HTML 6Page - Linear Technology LTC3127EDDPBF Datasheet HTML 7Page - Linear Technology LTC3127EDDPBF Datasheet HTML 8Page - Linear Technology LTC3127EDDPBF Datasheet HTML 9Page - Linear Technology LTC3127EDDPBF Datasheet HTML 10Page - Linear Technology LTC3127EDDPBF Datasheet HTML 11Page - Linear Technology LTC3127EDDPBF Datasheet HTML 12Page - Linear Technology LTC3127EDDPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3127

3127f
The LTC3127 is an average input current controlled buck-
boostDC/DCconverterofferedinbothathermallyenhanced
3mm × 3mm DFN package and a thermally enhanced 12-
lead MSOP package. The buck-boost converter utilizes a
proprietary switching algorithm which allows its output
voltage to be regulated above, below or equal to the input
voltage. The low RDS(ON), low gate charge synchronous
switches efficiently provide high frequency PWM control.
High efficiency is achieved at light loads when Burst Mode
operation is commanded.
PWM Mode Operation
The LTC3127 uses fixed frequency, average input cur-
rent PWM control. The MODE pin can be used to select
automatic Burst Mode operation (MODE connected to
VIN) or to disable Burst Mode operation and select forced
continuousconductionoperationforlownoiseapplications
(MODE grounded).
A proprietary switching algorithm allows the converter
to switch between buck, buck-boost and boost modes
without discontinuity in inductor current or loop charac-
teristics.Theswitchtopologyforthebuck-boostconverter
is shown in Figure 1.
When the input voltage is significantly greater than the
output voltage, the buck-boost converter operates in
buck mode. Switch D turns on continuously and switch C
remains off. Switches A and B are pulse width modulated
to produce the required duty cycle to support the output
regulation voltage. As the input voltage decreases, switch
A remains on for a larger portion of the switching cycle.
When the duty cycle reaches approximately 85%, the
switch pair AC begins turning on for a small fraction of the
switching period. As the input voltage decreases further,
L
D
PGND
PGND
LTC3127
A
SW1
SW2
B
C
3127 F01
VOUT
VIN
Figure 1. Buck-Boost Switch Topology
the AC switch pair remains on for longer durations and
the duration of the BD phase decreases proportionally. As
the input voltage drops below the output voltage, the AC
phase will eventually increase to the point that there is no
longer any BD switching. At this point, switch A remains
on continuously while switch pair CD is pulse width modu-
lated to obtain the desired output voltage. At this point,
the converter is operating solely in boost mode.
This switching algorithm provides a seamless transition
between operating modes and eliminates discontinuities
in average inductor current, inductor current ripple, and
loop transfer function throughout all three operational
modes. These advantages result in increased efficiency
and stability in comparison to the traditional 4-switch
buck-boost converter. In forced PWM mode operation,
the inductor is forced to have continuous conduction.
This allows for a constant switching frequency and better
noise performance.
Error Amplifier and Compensation
The buck-boost converter utilizes two control loops. The
outer voltage loop determines the amount of current re-
quired to regulate the output voltage. The voltage loop is
externally compensated and can be configured with either
integral compensation or proportional control. The inner
currentloopisinternallycompensatedandforcestheinput
current to equal the commanded current.
When VC is compensated via proportional control, the
dominant pole of the output capacitor is used to ensure
stability with a minimum of 1000µF of capacitance on the
output when a 499k resistor is used. There is no maximum
capacitance limitation with proportional compensation.
operaTion


Similar Part No. - LTC3127EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
More results

Similar Description - LTC3127EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Linear Technology
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
   1A Low Noise, Buck-Boost DC/DC Converter
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
logo
Richtek Technology Corp...
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com