Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2952IF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2952IF
Description  Pushbutton PowerPathTM Controller with Supervisor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952IF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2952IF Datasheet HTML 7Page - Linear Technology LTC2952IF Datasheet HTML 8Page - Linear Technology LTC2952IF Datasheet HTML 9Page - Linear Technology LTC2952IF Datasheet HTML 10Page - Linear Technology LTC2952IF Datasheet HTML 11Page - Linear Technology LTC2952IF Datasheet HTML 12Page - Linear Technology LTC2952IF Datasheet HTML 13Page - Linear Technology LTC2952IF Datasheet HTML 14Page - Linear Technology LTC2952IF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC2952
11
2952fa
pin provides on/off power supply control via the EN pin,
which is typically connected to an external DC/DC con-
verter. Setting the PB pin low for a time determined by the
ONT timing capacitor toggles the EN pin high impedance.
Letting this pin toggle high and then setting this pin low
again for 26ms asserts INT low. After the INT pin asserts
low, if the PB pin is still held low for a time determined by
the OFFT timing capacitor, the process of turning off the
system power begins. At the end of the turn-off process,
the EN pin is set low. Leave this pin open if pushbutton
function is not used.
PFI (Pin 5/Pin 2): Power Fail Input. High impedance input
to an accurate comparator with a 0.5V falling threshold
and 15mV hysteresis. This pin controls the state of the
PFO output pin. Tie to device GND if power fail monitoring
function is not used.
PFO (Pin 9/Pin 6): Power Fail Output. This pin is an open-
drain pull-down which pulls low when the PFI input is
below 0.5V. Leave this pin open or tied to GND if power
fail monitoring function is not used.
RST (Pin 8/Pin 5): Reset Output. This pin is an open-drain
pull-down. Pulls low when VM input is below 0.5V and
held low for 200ms after VM input is above 0.5V. Also
pulls low for 200ms when the watchdog timer (1.6s) is
allowed to time out. Leave this pin open or tied to GND if
voltage monitoring function is not used.
V1 (Pin 18/Pin 15): Primary Input Supply Voltage: 2.7V
to 28V. Supplies power to the internal circuitry and is the
anode input of the primary ideal diode driver (the cathode
input to the ideal diode drivers is the VS pin). A battery or
other primary power source usually provides power to this
input. Minimize the capacitance on this pin in applications
where the pin can be high impedance (disconnected or
inherent high source impedance). Otherwise, an optional
bypass capacitor to ground in the range of 0.1μF to 10μF
can be used.
V2 (Pin 16/Pin 13): Secondary Input Supply Voltage:
2.7V to 28V. Supplies power to the internal circuitry and
is the anode input of the secondary ideal diode driver (the
cathode input to the ideal diode drivers is the VS pin). A
secondary power source such as a wall adapter, usually
provides power to this input. Minimize the capacitance on
this pin in applications where the pin can be high imped-
ance (disconnected or inherent high source impedance).
Otherwise, an optional bypass capacitor to ground in the
range of 0.1μF to 10μF can be used.
VM (Pin 4/Pin 1): Voltage Monitor Input. High impedance
input to an accurate comparator with a 0.5V threshold.
Together with the WDE pin controls the state of the RST
output pin. Tie to device GND if voltage monitoring func-
tion is not used.
VS (Pin 17/Pin 14): Power Sense Input. This pin supplies
power to the internal circuitry and is the cathode input to
the ideal diode drivers (the anode inputs to the ideal diode
drivers are the V1 and V2 pins). Bypass this pin to ground
with one or more capacitors of at least 0.1μF.
WDE (Pin 6/Pin 3): Watchdog/Extend Input. A three-state
input pin. A rising or falling edge must occur on this pin
within a 1.6s watchdog timeout period (while the RST
output is high impedance), to prevent the RST pin from
going low. The watchdog function of this pin is disabled
when both of the ideal diode drivers are disabled in
certain PowerPath configurations (refer to the Applica-
tion Information section). During a shutdown process: a
rising or falling edge on this WDE pin within the 500ms
tKILL,OFF WAIT period extends the waiting period another
500ms before the EN line is set low. This extend process
can be repeated indefinitely in order to provide as much
time as possible for the microprocessor to do its house-
keeping functions before a power shutdown. Leave open
or drive in Hi-Z state with a three-state buffer to disable
watchdog or extend function or both.
PIN FUNCTIONS (TSSOP/QFN)


Similar Part No. - LTC2952IF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952IF LINER-LTC2952IF Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
More results

Similar Description - LTC2952IF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
LTC2952 LINER-LTC2952_15 Datasheet
288Kb / 30P
   Pushbutton PowerPath Controller with Supervisor
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
   Low Loss PowerPathTM Controller in ThinSOT
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Linear Technology
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
   36V, Low Loss PowerPathTM Controller for Large PFETs
logo
Supertex, Inc
HV9606 SUTEX-HV9606 Datasheet
565Kb / 9P
   HV9606 Current-Mode PWM Controller with Supervisor
logo
Linear Technology
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
   Pushbutton On/Off Controller with P Interrupt
logo
STMicroelectronics
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
logo
Linear Technology
LTC1473 LINER-LTC1473 Datasheet
216Kb / 16P
   Dual PowerPathTM Switch Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com