Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC-1300-1.0-4 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # EPC-1300-1.0-4
Description  Photodiode-Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

EPC-1300-1.0-4 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  EPC-1300-1.0-4 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH EPC-1300-1.0-4 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each application by the customers themselves.
Photodiode-Chip
16.05.2008
rev. 03
Wavelength range
Infrared
typ. dimensions in µm
Description
330 (
±20) µm
bond gold 1.0 µm
Applications
no metalization
Miscellaneous Parameters
Tamb = 25°C, unless otherwise specified
Symbol
Value
Unit
A
0.78
mm²
Tamb
-40 to +125
°C
Tstg
-40 to +125
°C
TC(ID)
7.4
%/K
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 10 mA
VF
0.6
V
Breakdown voltage
2)
IR = 10 µA
VR
5
V
Sensitivity range at 10 %
VR = 0 V
λ
440
1710
nm
Spectral bandwidth at 50 %
VR = 0 V
λ
0,5
680
nm
Responsivity at 1300 nm
1)
VR = 0 V
Sλ
0.9
A/W
Dark current
VR = 5 V
ID
0.5
10
nA
Shunt resistance
VR = 10 mV
RSH
15
30
M
Noise equivalent power
λ = 1300 nm
NEP
3.0x10
-14
Specific detectivity
λ = 1300 nm
D*
2.9x10
12
Junction capacitance
VR = 0 V
CJ
130
pF
1)measured on bare chip on TO-18 header
2)for information only
Labeling
Type
Typ. ID [nA]
Typ. Sλ[A/W]
EPС-1300-1.0-4
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
Temperature coefficient of ID
T = -40…120°C
Storage temperature range
Active area
Operating temperature range
Broadband photodiode with
maximum response in the
NIR-region and enhanced
responsivity in the visible
range, no rear side
metalization
typ. thickness
Optical communications,
safety equipment, light
barriers
Parameter
Test сonditions
top side*
rear side
* Bond pad assigment:
Pos. 1 - Anode
Pos. 2 - Cathode
Type
Planar
EPC-1300-1.0-4
Electrodes
Both on top side
Technology
InGaAs/InP
Lot N°
Quantity
Hz
W/
1
W
Hz
cm
Ø1000
Ø150
Ø150
1350 ±20
1
2
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 2


Similar Part No. - EPC-1300-1.0-4

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-1300-1.0-0 EPIGAP-EPC-1300-1.0-0 Datasheet
127Kb / 2P
   Photodiode-Chip
EPC-1300-1.0-1 EPIGAP-EPC-1300-1.0-1 Datasheet
126Kb / 2P
   Photodiode-Chip
EPC-1300-1.0-2 EPIGAP-EPC-1300-1.0-2 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-1300-1.0-3 EPIGAP-EPC-1300-1.0-3 Datasheet
127Kb / 2P
   Photodiode-Chip
More results

Similar Description - EPC-1300-1.0-4

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-440-3.6 EPIGAP-EPC-440-3.6 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-470-0.5 EPIGAP-EPC-470-0.5 Datasheet
112Kb / 2P
   Photodiode-Chip
EPC-880-0.9-1 EPIGAP-EPC-880-0.9-1 Datasheet
113Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-4 EPIGAP-EPC-1300-3.0-4 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-440-0.9 EPIGAP-EPC-440-0.9 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-1 EPIGAP-EPC-1300-3.0-1 Datasheet
127Kb / 2P
   Photodiode-Chip
EPC-1300-0.5-3 EPIGAP-EPC-1300-0.5-3 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-1300-0.22-2 EPIGAP-EPC-1300-0.22-2 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-525-2.5 EPIGAP-EPC-525-2.5 Datasheet
136Kb / 3P
   Photodiode-Chip
EPC-660-0.5 EPIGAP-EPC-660-0.5 Datasheet
102Kb / 2P
   Photodiode-Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com