Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2952CUFPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2952CUFPBF
Description  Pushbutton PowerPathTM Controller with Supervisor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CUFPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2952CUFPBF Datasheet HTML 1Page - Linear Technology LTC2952CUFPBF Datasheet HTML 2Page - Linear Technology LTC2952CUFPBF Datasheet HTML 3Page - Linear Technology LTC2952CUFPBF Datasheet HTML 4Page - Linear Technology LTC2952CUFPBF Datasheet HTML 5Page - Linear Technology LTC2952CUFPBF Datasheet HTML 6Page - Linear Technology LTC2952CUFPBF Datasheet HTML 7Page - Linear Technology LTC2952CUFPBF Datasheet HTML 8Page - Linear Technology LTC2952CUFPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC2952
2
2952fa
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
V1, V2, VS.............................................. –0.3V to 30V
Input Voltages
PB.................................... –6V to MAX (V1, V2, VS) V
ONT, OFFT ............................................... –0.3V to 3V
M1, M2, PFI, VM, WDE, KILL................... –0.3V to 7V
Output Voltages
G1, G2, EN .................... –0.3V to MAX (V1, V2, VS) V
G1STAT, PFO, RST, INT............................ –0.3V to 7V
(Notes 1, 2)
Input Currents
PB.......................................................–1mA to 100μA
Operating Temperature Range
LTC2952C ................................................ 0°C to 70°C
LTC2952I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2952CF#PBF
LTC2952CF#TRPBF
LTC2952CF
20-Lead Plastic TSSOP
0°C to 70°C
LTC2952IF#PBF
LTC2952IF#TRPBF
LTC2952IF
20-Lead Plastic TSSOP
–40°C to 85°C
LTC2952CUF#PBF
LTC2952CUF#TRPBF
2952
20-Lead 4mm × 4mm Plastic QFN
0°C to 70°C
LTC2952IUF#PBF
LTC2952IUF#TRPBF
2952
20-Lead 4mm × 4mm Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
F PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
M2
M1
KILL
VM
PFI
WDE
PB
RST
PFO
ONT
G1STAT
G1
V1
VS
V2
G2
EN
INT
GND
OFFT
TJMAX = 125°C, θJA = 90°C/W
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
VM
PFI
WDE
PB
RST
V1
VS
V2
G2
EN
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21), PCB GND CONNECTION OPTIONAL
PIN CONFIGURATION


Similar Part No. - LTC2952CUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952CUF LINER-LTC2952CUF Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
More results

Similar Description - LTC2952CUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
LTC2952 LINER-LTC2952_15 Datasheet
288Kb / 30P
   Pushbutton PowerPath Controller with Supervisor
LTC4412 LINER-LTC4412 Datasheet
156Kb / 12P
   Low Loss PowerPathTM Controller in ThinSOT
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Linear Technology
LTC4412HV LINER-LTC4412HV Datasheet
177Kb / 12P
   36V, Low Loss PowerPathTM Controller in ThinSOT
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
   36V, Low Loss PowerPathTM Controller for Large PFETs
logo
Supertex, Inc
HV9606 SUTEX-HV9606 Datasheet
565Kb / 9P
   HV9606 Current-Mode PWM Controller with Supervisor
logo
Linear Technology
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
   Pushbutton On/Off Controller with P Interrupt
logo
STMicroelectronics
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
logo
Linear Technology
LTC1473 LINER-LTC1473 Datasheet
216Kb / 16P
   Dual PowerPathTM Switch Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com