Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2654BIUF-H16PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2654BIUF-H16PBF
Description  Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2654BIUF-H16PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2654BIUF-H16PBF Datasheet HTML 6Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 7Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 8Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 9Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 10Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 11Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 12Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 13Page - Linear Technology LTC2654BIUF-H16PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2654
10
2654f
TYPICAL PERFORMANCE CHARACTERISTICS
DNL vs Temperature
Reference Output Voltage
vs Temperature
Settling to ±1LSB Rising
Settling to ±1LSB Falling
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
LTC2654-H16
CODE
128
4
2
3
1
0
–2
–1
–3
–4
16384
49152
2654 G08
65535
32768
VCC = 5V
CODE
128
1.0
0.5
0
–0.5
–1.0
16384
49152
2654 G09
65535
32768
VCC = 5V
TEMPERATURE (°C)
–50
4
2
3
1
0
–2
–3
–1
–4
–30
110
90
2654 G10
130
–10 10
30
50
70
VCC = 5V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50
1.0
0.5
0
–0.5
–1.0
–30
110
90
2654 G11
130
–10 10
30
50
70
VCC = 5V
DNL (POS)
DNL (NEG)
TEMPERATURE (°C)
–50
2.054
2.052
2.050
2.048
2.046
2.044
2.042
–30
110
90
2654 G12
130
–10 10
30
50
70
VCC = 5V
CS/LD
5V/DIV
VOUT
250μV/DIV
2654 G13
2μs/DIV
7.9μs
1/4 SCALE TO 3/4 SCALE STEP
VCC = 5V, VFS = 4.096V
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS
CS/LD
5V/DIV
VOUT
250μV/DIV
2654 G14
2μs/DIV
6.8μs
3/4 SCALE TO 1/4 SCALE STEP
VCC = 5V, VFS = 4.096V
RL = 2k, CL = 200pF
AVERAGE OF 2048 EVENTS


Similar Part No. - LTC2654BIUF-H16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2654 LINER-LTC2654 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2654 LINER-LTC2654 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2654BIUF-H16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com