Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2942CDCBTRMPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2942CDCBTRMPBF
Description  Battery Gas Gauge with Temperature, Voltage Measurement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2942CDCBTRMPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2942CDCBTRMPBF Datasheet HTML 1Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 2Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 3Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 4Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 5Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 6Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 7Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 8Page - Linear Technology LTC2942CDCBTRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2942
3
2942f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Measurement ADC
Resolution (No Missing Codes)
(Note 8)
l
14
Bits
VFS
Full-Scale Voltage
l
6V
ΔVLSB
Quantization Step of 14-Bit
Voltage ADC
(Note 6)
366.2
μV
TUEV
Voltage Total Unadjusted Error
l
1
1.3
%
%
Gain
Gain Accuracy
l
1.3
%
VOS
Offset
Extrapolated from Measurements at 5.5V and 2.7V
±1
±10
LSB
INL
Integral Nonlinearity
l
±1
±4
LSB
tCONV
Conversion Time
l
15
ms
Temperature Measurement ADC
Resolution (No Missing Code)
(Note 8)
10
Bits
TFS
Full-Scale Temperature
l
600
K
ΔTLSB
Quantization Step of 10-Bit
Temperature ADC
(Note 6)
0.586
K
TUET
Temperature Total Unadjusted
Error
VSENSE+ ≥ 2.8V (Note 8)
l
±5
±3
K
K
tCONV
Conversion Time
l
15
ms
Digital Inputs and Digital Outputs
VITH
Logic Input Threshold, AL/CC,
SCL, SDA
l 0.3 • VSENSE+
0.7 • VSENSE+
V
VOL
Low Level Output Voltage, AL/CC,
SDA
I = 3mA
l
0.4
V
IIN
Input Leakage, AL/CC, SCL, SDA
VIN = VSENSE+/2
l
1μA
CIN
Input Capacitance, AL/CC, SCL,
SDA
(Note 8)
l
10
pF
tPCC
Minimum Charge Complete (CC)
Pulse Width
1μs
I2C Timing Characteristics
fSCL(MAX)
Maximum SCL Clock Frequency
l
400
900
kHz
tBUF(MIN)
Bus Free Time Between Stop/Start
l
1.3
μs
tSU,STA(MIN) Minimum Repeated Start Set-Up
Time
l
600
ns
tHD,STA(MIN) Minimum Hold Time (Repeated)
Start Condition
l
600
ns
tSU,STO(MIN) Minimum Set-Up Time for Stop
Condition
l
600
ns
tSU,DAT(MIN) Minimum Data Setup Time Input
l
100
ns


Similar Part No. - LTC2942CDCBTRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2942 LINER-LTC2942 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
logo
Analog Devices
LTC2942 AD-LTC2942 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC2942-1 LINER-LTC2942-1 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2942-1 LINER-LTC2942-1_15 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
More results

Similar Description - LTC2942CDCBTRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
   Battery Gas Gauge with Temperature, Voltage Measurement
LTC2943 LINER-LTC2943 Datasheet
506Kb / 12P
   Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
LTC2943 LINER-LTC2943_15 Datasheet
260Kb / 20P
   Multicell Battery Gas Gauge with Temperature, Voltage and Current Measurement
LTC2942-1 LINER-LTC2942-1 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2942-1 LINER-LTC2942-1_15 Datasheet
240Kb / 16P
   1A Battery Gas Gauge with Internal Sense Resistor and Temperature/Voltage Measurement
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com